Electronic Components Datasheet Search
  English  ▼

X  

LTC3601 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC3601
Description  1.5A, 15V Monolithic Synchronous Step-Down Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3601 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC3601 Datasheet HTML 12Page - Linear Technology LTC3601 Datasheet HTML 13Page - Linear Technology LTC3601 Datasheet HTML 14Page - Linear Technology LTC3601 Datasheet HTML 15Page - Linear Technology LTC3601 Datasheet HTML 16Page - Linear Technology LTC3601 Datasheet HTML 17Page - Linear Technology LTC3601 Datasheet HTML 18Page - Linear Technology LTC3601 Datasheet HTML 19Page - Linear Technology LTC3601 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
LTC3601
16
3601f
The RDS(ON)forboththetopandbottomMOSFETscanbe
obtained from the Typical Performance Characteristics
curves. Thus to obtain I2R loss:
“I2R LOSS” = IOUT2 · (RSW + RL)
2. The internal LDO supplies the power to the INTVCC rail.
The total power loss here is the sum of the switching
losses and quiescent current losses from the control
circuitry.
Each time a power MOSFET gate is switched from low
to high to low again, a packet of charge dQ moves
from VIN to ground. The resulting dQ/dt is a current
out of INTVCC that is typically much larger than the DC
control bias current. In continuous mode, IGATECHG
= f(QT + QB), where QT and QB are the gate charges
of the internal top and bottom power MOSFETs and f
is the switching frequency. For estimation purposes,
(QT + QB) on the LTC3601 is approximately 1nC.
To calculate the total power loss from the LDO load,
simply add the gate charge current and quiescent cur-
rent and multiply by VIN:
PLDO = (IGATECHG + IQ) • VIN
3. Other “hidden” losses such as transition loss, cop-
per trace resistances, and internal load currents can
account for additional efficiency degradations in the
overall power system. Transition loss arises from the
brief amount of time the top power MOSFET spends in
the saturated region during switch node transitions. The
LTC3601 internal power devices switch quickly enough
that these losses are not significant compared to other
sources.
Other losses, including diode conduction losses during
dead time and inductor core losses, generally account
for less than 2% total additional loss.
APPLICATIONS INFORMATION
Thermal Considerations
The LTC3601 requires the exposed package backplane
metal (PGND pin on the QFN, SGND pin on the MSOP
package) to be well soldered to the PC board to provide
good thermal contact. This gives the QFN and MSOP
packages exceptional thermal properties, compared to
other packages of similar size, making it difficult in normal
operation to exceed the maximum junction temperature
of the part. In many applications, the LTC3601 does not
dissipate much heat due to its high efficiency and low
thermal resistance package backplane. However, in applica-
tions in which the LTC3601 is running at a high ambient
temperature, high input voltage, high switching frequency,
and maximum output current, the heat dissipated may
exceed the maximum junction temperature of the part. If
the junction temperature reaches approximately 150°C,
both power switches will be turned off until temperature
decreases approximately 10°C.
Thermal analysis should always be performed by the user
to ensure the LTC3601 does not exceed the maximum
junction temperature.
The temperature rise is given by:
TRISE = PDθJA
where PD is the power dissipated by the regulator and θJA
is the thermal resistance from the junction of the die to
the ambient temperature.
Consider the example in which an LTC3601EUD is operat-
ing with IOUT = 1.5A, VIN = 12V, f = 4MHz, VOUT = 1.8V,
and an ambient temperature of 70°C. From the Typical
Performance Characteristics section the RDS(ON) of the top
switch is found to be nominally 130mΩ while that of the
bottom switch is nominally 100mΩ yielding an equivalent
power MOSFET resistance RSW of:
RDS(ON)TOP • 1.8/12 + RDS(ON)BOT • 10.2/12 = 105mΩ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com