Electronic Components Datasheet Search
  English  ▼

X  

LTC3601 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3601
Description  1.5A, 15V Monolithic Synchronous Step-Down Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3601 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3601 Datasheet HTML 5Page - Linear Technology LTC3601 Datasheet HTML 6Page - Linear Technology LTC3601 Datasheet HTML 7Page - Linear Technology LTC3601 Datasheet HTML 8Page - Linear Technology LTC3601 Datasheet HTML 9Page - Linear Technology LTC3601 Datasheet HTML 10Page - Linear Technology LTC3601 Datasheet HTML 11Page - Linear Technology LTC3601 Datasheet HTML 12Page - Linear Technology LTC3601 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
LTC3601
9
3601f
OPERATION
The LTC3601 is a current mode, monolithic, step-down
regulator capable of providing up to 1.5A of output current.
Its unique controlled on-time architecture allows extremely
low step-down ratios while maintaining a constant switch-
ing frequency. Part operation is enabled by raising the
voltage on the RUN pin above 1.25V nominally.
Main Control Loop
In normal operation the internal top power MOSFET is
turned on for a fixed interval determined by an internal
one-shot timer (“ON” signal in the Block Diagram). When
the top power MOSFET turns off, the bottom power
MOSFET turns on until the current comparator, ICMP,
trips, thus restarting the one-shot timer and initiating the
next cycle. The inductor current is monitored by sensing
the voltage drop across the SW and PGND nodes of the
bottom power MOSFET. The voltage at the ITH pin sets the
ICMP comparator threshold corresponding to the induc-
tor valley current. The error amplifier EA adjusts this ITH
voltage by comparing an internal 0.6V reference to the
feedback signal, VFB,derivedfromtheoutputvoltage.If,for
example, the load current increases, the feedback voltage
will decrease relative to the internal 0.6V reference. The
ITH voltage then rises until the average inductor current
matches that of the load current.
The operating frequency is determined by the value of the
RT resistor, which programs the current for the internal
oscillator. An internal phase-locked loop servos the switch-
ing regulator on-time to track the internal oscillator edge
and force a constant switching frequency. A clock signal
can be applied to the SYNC/MODE pin to synchronize the
switching frequency to an external source. The regulator
defaults to forced continuous operation once the clock
signal is applied.
At low load currents the inductor current can drop to
zero or become negative. If the LTC3601 is configured for
Burst Mode operation, this inductor current condition is
detected by the current reversal comparator, IREV, which
in turn shuts off the bottom power MOSFET and places
the part into a low quiescent current sleep state resulting
in discontinuous operation and increased efficiency at low
load currents. Both power MOSFETs will remain off with
the part in sleep and the output capacitor supplying the
load current until the ITH voltage rises sufficiently to initi-
ate another cycle. Discontinuous operation is disabled by
tying the MODE/SYNC pin to ground placing the LTC3601
into forced continuous mode. During forced continuous
mode, continuous synchronous operation occurs regard-
less of the output load current.
“Power Good” Status Output
The PGOOD open-drain output will be pulled low if the
regulator output exits a ±8% window around the regulation
point. This condition is released once regulation within
a 5% window is achieved. To prevent unwanted PGOOD
glitches during transients or dynamic VOUT changes, the
LTC3601 PGOOD falling edge includes a filter time of ap-
proximately 40μs.
VIN Overvoltage Protection
In order to protect the internal power MOSFET devices
against transient voltage spikes, the LTC3601 constantly
monitors the VIN pin for an overvoltage condition. When
VIN rises above 17.5V, the regulator suspends operation
by shutting off both power MOSFETs. Once VIN drops
below 16.5V, the regulator immediately resumes normal
operation. The regulator does not execute its soft-start
function when exiting an overvoltage condition.
Short-Circuit Protection
Foldback current limiting is provided in the event the
output is inadvertently shorted to ground. During this
condition the internal current limit (ILIM) will be lowered
to approximately one-third its normal value. This feature
reduces the heat dissipation in the LTC3601 during short-
circuit conditions and protects both the IC and the input
supply from any potential damage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com