Electronic Components Datasheet Search
  English  ▼

X  

LTC3601 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC3601
Description  1.5A, 15V Monolithic Synchronous Step-Down Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3601 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC3601 Datasheet HTML 10Page - Linear Technology LTC3601 Datasheet HTML 11Page - Linear Technology LTC3601 Datasheet HTML 12Page - Linear Technology LTC3601 Datasheet HTML 13Page - Linear Technology LTC3601 Datasheet HTML 14Page - Linear Technology LTC3601 Datasheet HTML 15Page - Linear Technology LTC3601 Datasheet HTML 16Page - Linear Technology LTC3601 Datasheet HTML 17Page - Linear Technology LTC3601 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
LTC3601
14
3601f
Checking Transient Response
The regulator loop response can be checked by observing
the response of the system to a load step. When config-
ured for external compensation, the availability of the
ITH pin not only allows optimization of the control loop
behavior but also provides a DC coupled and AC filtered
closed-loop response test point. The DC step, rise time,
and settling behavior at this test point reflect the system’s
closed-loop response. Assuming a predominantly second
order system, the phase margin and/or damping factor can
be estimated by observing the percentage of overshoot
seen at this pin. The ITH external components shown in
Figure 3 will provide an adequate starting point for most
applications. The series R-C filter sets the pole-zero loop
compensation. The values can be modified slightly, from
approximately 0.5 to 2 times their suggested values, to
optimize transient response once the final PC layout is
done and the particular output capacitor type and value
have been determined. The output capacitors need to be
selected because their various types and values determine
the loop feedback factor gain and phase. An output cur-
rent pulse of 20% to 100% of full load current with a rise
time of 1μs to 10μs will produce output voltage and ITH
pin waveforms that will give a sense of the overall loop
stability without breaking the feedback loop
When observing the response of VOUT to a load step, the
initial output voltage step may not be within the bandwidth
of the feedback loop. As a result, the standard second
order overshoot/DC ratio cannot be used to estimate
phase margin. The output voltage settling behavior is
related to the stability of the closed-loop system and will
demonstrate the actual overall supply performance. For
a detailed explanation of optimizing the compensation
components, including a review of control loop theory,
refer to Linear Technology Application Note 76. As shown
in Figure 2 a feedforward capacitor, CF, may be added
across feedback resistor R1 to improve the high frequency
response of the system. Capacitor CF provides phase lead
by creating a high frequency zero with R1.
APPLICATIONS INFORMATION
In some applications severe transients can be caused by
switching in loads with large (>10μF) input capacitors. The
discharged input capacitors are effectively put in parallel
with COUT, causing a rapid drop in VOUT. No regulator can
deliver enough current to prevent this output droop if the
switch connecting the load has low resistance and is driven
quickly. The solution is to limit the turn-on speed of the load
switch driver. A Hot Swap™ controller is designed specifi-
cally for this purpose and usually incorporates current limit,
short-circuit protection and soft-start functions.
MODE/SYNC Operation
The MODE/SYNC pin is a multipurpose pin allowing both
mode selection and operating frequency synchroniza-
tion. Connecting this pin to INTVCC enables Burst Mode
operation for superior efficiency at low load currents at the
expense of slightly higher output voltage ripple. When the
MODE/SYNC pin is pulled to ground, forced continuous
mode operation is selected creating the lowest fixed output
ripple at the expense of light load efficiency.
The LTC3601 will detect the presence of the external clock
signal on the MODE/SYNC pin and synchronize the internal
oscillator to the phase and frequency of the incoming clock.
The presence of an external clock will place the LTC3601
into forced continuous mode operation.
Output Voltage Tracking and Soft-Start
The LTC3601 allows the user to control the output voltage
ramp rate by means of the TRACK pin. From 0V to 0.6V
the TRACK pin will override the internal reference input
to the error amplifier forcing regulation of the feedback
voltage to that seen at the TRACK pin. When the voltage
at the TRACK pin rises above 0.6V, tracking is disabled
and the feedback voltage will be regulated to the internal
reference voltage.
The voltage at the TRACK pin may be driven from an ex-
ternal source, or alternatively, the user may leverage the
internal 1.4μA pull-up current on TRACK to implement
Hot Swap is a trademark of Linear Technology Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com