Electronic Components Datasheet Search
  English  ▼

X  

LTM4615IV Datasheet(PDF) 9 Page - Linear Technology

Part # LTM4615IV
Description  Triple Output, Low Voltage DC/DC 關Module Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4615IV Datasheet(HTML) 9 Page - Linear Technology

Back Button LTM4615IV Datasheet HTML 5Page - Linear Technology LTM4615IV Datasheet HTML 6Page - Linear Technology LTM4615IV Datasheet HTML 7Page - Linear Technology LTM4615IV Datasheet HTML 8Page - Linear Technology LTM4615IV Datasheet HTML 9Page - Linear Technology LTM4615IV Datasheet HTML 10Page - Linear Technology LTM4615IV Datasheet HTML 11Page - Linear Technology LTM4615IV Datasheet HTML 12Page - Linear Technology LTM4615IV Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
LTM4615
9
4615f
SIMPLIFIED BLOCK DIAGRAM
VIN
2.375V TO 5.5V
CSS
1000pF
CSSEXT
5.76k
RFB
5.76k
TRACK
SUPPLY
4.99k
C2
470pF
4.7μF
6.3V
4.7μF
6.3V
22μF
6.3V
3
VOUT
1.5V
4A
M1
L
M2
RSS
1M
PGOOD
RUN/SS
TRACK
COMP
FB
SW
VOUT
VIN
GND
4615 F01a
R1
4.99k
CONTROL, DRIVE
POWER FETS
INTERNAL
COMP
22μF
6.3V
+
–
GND3
LDO_RHI
4.99k
GND3
GND3
GND
PGOOD3
4615 F01b
FB3
LDO_OUT
BOOST3
EN3
LDO_IN
0.4V
4.7μF
6.3V
VIN
1.14V TO 3.5V
GND3
1V
4.7μF
6.3V
GND3
4.7μF
CONTROL
ENABLE
10k
RFBLDO
3.32k
VOUT
1V
1.5A
10μF
5V BOOST
POWER GOOD
10μF
Figure 1. Simplified LTM4615 Block Diagram of Each Switching Regulator Channel and the VLDO
DECOUPLING REQUIREMENTS T
A = 25°C. Use Figure 1 configuration for each channel.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
CIN
External Input Capacitor Requirement
(VIN = 2.375V to 5.5V, VOUT = 1.5V)
IOUT = 4A
22
μF
COUT
External Output Capacitor Requirement
(VIN = 2.375V to 5.5V, VOUT = 1.5V)
IOUT = 4A
66
100
μF
LDO_IN
LDO Input Capacitance
IOUT = 1A
4.7
10
μF
LDO_OUT
LDO Output Capacitance
IOUT = 1A
10
μF
VLDO Block Diagram
Switching Regulator Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com