Electronic Components Datasheet Search
  English  ▼

X  

LTM4615IV Datasheet(PDF) 4 Page - Linear Technology

Part # LTM4615IV
Description  Triple Output, Low Voltage DC/DC 關Module Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4615IV Datasheet(HTML) 4 Page - Linear Technology

  LTM4615IV Datasheet HTML 1Page - Linear Technology LTM4615IV Datasheet HTML 2Page - Linear Technology LTM4615IV Datasheet HTML 3Page - Linear Technology LTM4615IV Datasheet HTML 4Page - Linear Technology LTM4615IV Datasheet HTML 5Page - Linear Technology LTM4615IV Datasheet HTML 6Page - Linear Technology LTM4615IV Datasheet HTML 7Page - Linear Technology LTM4615IV Datasheet HTML 8Page - Linear Technology LTM4615IV Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LTM4615
4
4615f
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full internal
operating temperature range, otherwise specifications are at TA = 25°C. VIN = 5V, LDO_IN = 1.2V unless otherwise noted.
Per Typical Application Figure 12.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VFB3
FB3 Internal Reference Voltage
1mA ≤ IOUT ≤ 1.5A, 1.14V ≤ VLDO_IN ≤ 3.5V,
BOOST3 = 5V, 1V ≤ VOUT ≤ 2.59V
l
0.397
0.395
0.4
0.4
0.404
0.405
V
V
VLDO_OUT
Output Voltage Range
0.4
2.6
V
VDO
Dropout Voltage
VLDO_IN = 1.5V, VFB3 = 0.38V, IOUT = 1.5A (Note 4)
100
250
mV
LDO_RHI
LDO Top Feedback Resistor
4.96
4.99
5.02
kΩ
IOUT
Output Current
VEN3 = 1.2V
l
1.5
A
ILIM
Output Current Limit
(Note 5)
2.5
A
en
Output Voltage Noise
Frequency = 10Hz to 1MHz, ILOAD = 1A
300
μRMS
VIH_EN3
EN3 Input High Voltage
1.14V ≤ VLDO_IN ≤ 3.5V
l
1V
VIL_EN3
EN3 Input Low Voltage
1.14V ≤ VLDO_IN ≤ 3.5V
0.4
V
IIN_EN3
EN3 Input Current
–1
1
μA
VOL_PGOOD3
PGOOD Low Voltage
IPGOOD3 = 2mA
0.1
0.4
V
PGOOD Threshold
Output Threshold
Relative to VFB3
PGOOD3 High to Low
PGOOD3 Low to High
–14
–4
–12
–3
–10
–2
%
%
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTM4615E is guaranteed to meet performance specifications
over the 0°C to 125°C internal operating temperature range. Specifications
over the –40°C to 125°C internal operating temperature range are assured
by design, characterization and correlation with statistical process
controls. The LTM4615I is guaranteed to meet specifications over the full
internal operating temperature range. Note that the maximum ambient
temperature is determined by specific operating conditions in conjunction
with board layout, the rated package thermal resistance and other
environmental factors.
Note 3: Minimum operating voltage required for regulation is:
VIN ≥ VOUT(MIN) + VDROPOUT
Note 4: Dropout voltage is the minimum input to output differential needed
to maintain regulation at a specified output current. In dropout the output
voltage will be equal to VIN – VDROPOUT.
Note 5: The IC has overtemperature protection that is intended to protect
the device during momentary overload conditions. Junction temperatures
will exceed 125°C when overtemperature is activated. Continuous
overtemperature activation can impair long-term reliability.
Note 6: See output current derating curves for different VIN, VOUT and TA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com