Electronic Components Datasheet Search
  English  ▼

X  

LTM4615IV Datasheet(PDF) 23 Page - Linear Technology

Part # LTM4615IV
Description  Triple Output, Low Voltage DC/DC 關Module Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4615IV Datasheet(HTML) 23 Page - Linear Technology

Back Button LTM4615IV Datasheet HTML 16Page - Linear Technology LTM4615IV Datasheet HTML 17Page - Linear Technology LTM4615IV Datasheet HTML 18Page - Linear Technology LTM4615IV Datasheet HTML 19Page - Linear Technology LTM4615IV Datasheet HTML 20Page - Linear Technology LTM4615IV Datasheet HTML 21Page - Linear Technology LTM4615IV Datasheet HTML 22Page - Linear Technology LTM4615IV Datasheet HTML 23Page - Linear Technology LTM4615IV Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
LTM4615
23
4615f
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no representa-
tion that the interconnection of its circuits as described herein will not infringe on existing patent rights.
PACKAGE DESCRIPTION
LTM4615 Component LGA Pinout
PIN ID
FUNCTION
PIN ID
FUNCTION
PIN ID
FUNCTION
PIN ID
FUNCTION
PIN ID
FUNCTION
PIN ID
FUNCTION
A1
GND2
B1
GND2
C1
VIN2
D1
VIN2
E1
GND2
F1
GND3
A2
GND2
B2
SW2
C2
VIN2
D2
VIN2
E2
RUN/SS2
F2
GND3
A3
GND2
B3
SW2
C3
VIN2
D3
VIN2
E3
TRACK2
F3
GND3
A4
GND2
B4
SW2
C4
VIN2
D4
VIN2
E4
PGOOD2
F4
GND3
A5
GND2
B5
SW2
C5
VIN2
D5
VIN2
E5
COMP2
F5
GND3
A6
GND2
B6
SW2
C6
VIN2
D6
GND2
E6
FB2
F6
FB3
A7
GND2
B7
GND2
C7
GND2
D7
GND2
E7
BOOST3
F7
GND3
A8
GND2
B8
GND2
C8
GND2
D8
GND2
E8
GND2
F8
EN3
A9
GND2
B9
GND2
C9
VOUT2
D9
VOUT2
E9
GND2
F9
GND3
A10
GND2
B10
GND2
C10
VOUT2
D10
VOUT2
E10
GND2
F10
GND3
A11
GND2
B11
GND2
C11
VOUT2
D11
VOUT2
E11
VOUT2
F11
GND3
A12
GND2
B12
GND2
C12
VOUT2
D12
VOUT2
E12
VOUT2
F12
GND3
PIN ID
FUNCTION
PIN ID
FUNCTION
PIN ID
FUNCTION
PIN ID
FUNCTION
PIN ID
FUNCTION
PIN ID
FUNCTION
G1
LDO_IN
H1
GND1
J1
VIN1
K1
VIN1
L1
GND1
M1
GND1
G2
LDO_IN
H2
SW1
J2
VIN1
K2
VIN1
L2
RUN/SS1
M2
GND1
G3
LDO_IN
H3
SW1
J3
VIN1
K3
VIN1
L3
TRACK1
M3
GND1
G4
LDO_IN
H4
SW1
J4
VIN1
K4
VIN1
L4
PGOOD1
M4
GND1
G5
PGOOD3
H5
SW1
J5
VIN1
K5
VIN1
L5
COMP1
M5
GND1
G6
GND3
H6
SW1
J6
GND1
K6
GND1
L6
FB1
M6
GND1
G7
GND3
H7
GND1
J7
GND1
K7
GND1
L7
GND1
M7
GND1
G8
GND3
H8
GND1
J8
GND1
K8
GND1
L8
GND1
M8
GND1
G9
LDO_OUT
H9
GND1
J9
GND1
K9
VOUT1
L9
VOUT1
M9
VOUT1
G10
LDO_OUT
H10
GND1
J10
GND1
K10
VOUT1
L10
VOUT1
M10
VOUT1
G11
LDO_OUT
H11
GND1
J11
GND1
K11
VOUT1
L11
VOUT1
M11
VOUT1
G12
LDO_OUT
H12
GND1
J12
GND1
K12
VOUT1
L12
VOUT1
M12
VOUT1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com