Electronic Components Datasheet Search
  English  ▼

X  

LTM4615IV Datasheet(PDF) 3 Page - Linear Technology

Part # LTM4615IV
Description  Triple Output, Low Voltage DC/DC 關Module Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4615IV Datasheet(HTML) 3 Page - Linear Technology

  LTM4615IV Datasheet HTML 1Page - Linear Technology LTM4615IV Datasheet HTML 2Page - Linear Technology LTM4615IV Datasheet HTML 3Page - Linear Technology LTM4615IV Datasheet HTML 4Page - Linear Technology LTM4615IV Datasheet HTML 5Page - Linear Technology LTM4615IV Datasheet HTML 6Page - Linear Technology LTM4615IV Datasheet HTML 7Page - Linear Technology LTM4615IV Datasheet HTML 8Page - Linear Technology LTM4615IV Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LTM4615
3
4615f
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IINRUSH(VIN)
Input Inrush Current at Start-Up
IOUT = 0A, CIN = 22μF, COUT = 100μF, VOUT = 1.5V,
VIN = 5.5V
0.35
A
IQ(VIN)
Input Supply Bias Current
VIN = 2.375V, VOUT = 1.5V, Switching Continuous
VIN = 5.5V, VOUT = 1.5V, Switching Continuous
Shutdown, RUN = 0, VIN = 5V
28
45
712
mA
mA
μA
IS(VIN)
Input Supply Current
VIN = 2.375V, VOUT = 1.5V, IOUT = 4A
VIN = 5.5V, VOUT = 1.5V, IOUT = 4A
3.2
1.48
A
A
IOUT(DC)
Output Continuous Current Range
VIN = 5.5V, VOUT = 1.5V (Note 6)
0
4
A
ΔVOUT(LOAD + LINE)
VOUT
Load and Line Regulation Accuracy VOUT = 1.5V, 0A to 4A (Note 6)
VIN = 2.375V to 5.5V
l
±1.0
±1.3
±1.30
±1.6
%
%
VOUT(AC)
Output Ripple Voltage
IOUT = 0A, COUT = 100μF
VIN = 5V, VOUT = 1.5V
12
mVP-P
fs
Output Ripple Voltage Frequency
IOUT = 4A, VIN = 5V, VOUT = 1.5V
1.25
MHz
ΔVOUT(START)
Turn-On Overshoot
COUT = 100μF, VOUT = 1.5V, RUN/SS = 10nF,
IOUT = 0A
VIN = 3.3V
VIN = 5V
20
20
mV
mV
tSTART
Turn-On Time
COUT = 100μF, VOUT = 1.5V, IOUT = 1A Resistive
Load, TRACK = VIN and RUN/SS = Float
VIN = 5V
0.5
ms
ΔVOUT(LS)
Peak Deviation for Dynamic Load
Load: 0% to 50% to 0% of Full Load,
COUT = 100μF, VIN = 5V, VOUT = 1.5V
25
mV
tSETTLE
Settling Time for Dynamic Load
Step
Load: 0% to 50% to 0% of Full Load,
VIN = 5V, VOUT = 1.5V
10
μs
IOUT(PK)
Output Current Limit
COUT = 100μF, VIN = 5V, VOUT = 1.5V
8
A
VFB
Voltage at FB Pin
IOUT = 0A, VOUT = 1.5V
l
0.790
0.786
0.8
0.8
0.807
0.809
V
V
IFB
0.2
μA
VRUN
RUN Pin On/Off Threshold
0.6
0.75
0.9
V
ITRACK
TRACK Pin Current
0.2
μA
VTRACK(OFFSET)
Offset Voltage
TRACK = 0.4V
30
mV
VTRACK(RANGE)
Tracking Input Range
0
0.8
V
RFBHI
Resistor Between VOUT and FB Pins
4.96
4.99
5.02
kΩ
ΔVPGOOD
PGOOD Range
±7.5
%
RPGOOD
PGOOD Resistance
Open-Drain Pull-Down
90
150
Ω
VLDO Section
VLDO_IN
Operating Voltage
(Note 3)
l
1.14
3.5
V
IIN(LDO_IN)
Operating Current
IOUT = 0mA, VOUT = 1V, EN3 = 1.2V
1
mA
IIN(SHDN)
Shutdown Current
EN3 = 0V, LDO_IN = 1.5V
0.6
20
μA
VBOOST3
BOOST3 Output Voltage
EN3 = 1.2V
4.8
5
5.2
V
VBOOST3(UVLO)
Undervoltage Lockout
4.3
V
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full internal
operating temperature range, otherwise specifications are at TA = 25°C. VIN = 5V, LDO_IN = 1.2V unless otherwise noted.
Per Typical Application Figure 12.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com