Electronic Components Datasheet Search
  English  ▼

X  

LTM4615IV Datasheet(PDF) 16 Page - Linear Technology

Part # LTM4615IV
Description  Triple Output, Low Voltage DC/DC 關Module Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4615IV Datasheet(HTML) 16 Page - Linear Technology

Back Button LTM4615IV Datasheet HTML 12Page - Linear Technology LTM4615IV Datasheet HTML 13Page - Linear Technology LTM4615IV Datasheet HTML 14Page - Linear Technology LTM4615IV Datasheet HTML 15Page - Linear Technology LTM4615IV Datasheet HTML 16Page - Linear Technology LTM4615IV Datasheet HTML 17Page - Linear Technology LTM4615IV Datasheet HTML 18Page - Linear Technology LTM4615IV Datasheet HTML 19Page - Linear Technology LTM4615IV Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
LTM4615
16
4615f
APPLICATIONS INFORMATION
Figure 7. 1.2V No Heat Sink
Figure 8. 1.2V Heat Sink
Figure 9. 3.3V No Heat Sink
Figure 10. 3.3V Heat Sink
AMBIENT TEMPERATURE (°C)
40
0
0.5
1.5
2.0
2.5
4.5
4615 F07
1.0
70
50
100
80
60
110
90
120
3.0
3.5
4.0
0LFM NO HEATSINK
200LFM NO HEATSINK
400LFM NO HEATSINK
VIN = 5V
AMBIENT TEMPERATURE (°C)
40
0
0.5
1.5
2.0
2.5
90
4.5
4615 F08
1.0
70
50
100
80
60
110 120
3.0
3.5
4.0
0LFM HEATSINK
200LFM HEATSINK
400LFM HEATSINK
VIN = 5V
AMBIENT TEMPERATURE (°C)
40
0
0.5
1.5
2.0
2.5
90
4.5
4615 F09
1.0
70
50
100
80
60
110 120
3.0
3.5
4.0
0LFM NO HEATSINK
200LFM NO HEATSINK
400LFM NO HEATSINK
VIN = 5V
AMBIENT TEMPERATURE (°C)
40
0
0.5
1.5
2.0
2.5
90
4.5
4615 F10
1.0
70
50
100
80
60
110 120
3.0
3.5
4.0
0LFM HEATSINK
200LFM HEATSINK
400LFM HEATSINK
VIN = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com