Electronic Components Datasheet Search
  English  ▼

X  

LTM4615IV Datasheet(PDF) 12 Page - Linear Technology

Part # LTM4615IV
Description  Triple Output, Low Voltage DC/DC 關Module Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4615IV Datasheet(HTML) 12 Page - Linear Technology

Back Button LTM4615IV Datasheet HTML 8Page - Linear Technology LTM4615IV Datasheet HTML 9Page - Linear Technology LTM4615IV Datasheet HTML 10Page - Linear Technology LTM4615IV Datasheet HTML 11Page - Linear Technology LTM4615IV Datasheet HTML 12Page - Linear Technology LTM4615IV Datasheet HTML 13Page - Linear Technology LTM4615IV Datasheet HTML 14Page - Linear Technology LTM4615IV Datasheet HTML 15Page - Linear Technology LTM4615IV Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
LTM4615
12
4615f
APPLICATIONS INFORMATION
Fault Conditions: Current Limit and Overcurrent
Foldback
The LTM4615 has current mode control, which inher-
ently limits the cycle-by-cycle inductor current not only
in steady-state operation, but also in transient.
Along with foldback current limiting in the event of an
overload condition, the LTM4615 has overtemperature
shutdown protection that inhibits switching operation
around 150°C for each channel.
Run Enable and Soft-Start
The RUN/SS pins provide a dual function of enable and
soft-start control for each channel. The RUN/SS pins are
used to control turn on of the LTM4615. While each enable
pin is below 0.5V, the LTM4615 will be in a low quiescent
current state. At least a 0.8V level applied to the enable
pins will turn on the LTM4615 regulators. This pin can be
used to sequence the regulator channels. The soft-start
control is provided by a 1M pull-up resistor (RSS) and a
1000pF capacitor (CSS) as drawn in the block diagram for
each channel. An external capacitor can be applied to the
RUN/SS pin to increase the soft-start time. A typical value
is 0.01μF. The approximate equation for soft-start:
tIn
VV
RC
SOFTSTART
IN
SS
SS
=
⎛
⎝⎜
⎞
⎠⎟
VIN
–.
••
18
where RSS and CSS are shown in the block diagram of
Figure 1, and the 1.8V is soft-start upper range. The
soft-start function can also be used to control the output
ramp-up time, so that another regulator can be easily
tracked to it.
Output Voltage Tracking
Output voltage tracking can be programmed externally
using the TRACK pins. Either output can be tracked up
or down with another regulator. The master regulator’s
output is divided down with an external resistor divider
that is the same as the slave regulator’s feedback divider to
implement coincident tracking. The LTM4615 uses a very
accurate 4.99k resistor for the internal top feedback resistor.
Figure 2 shows an example of coincident tracking.
Equations:
TRACK
R
kR
Master
Slave
FB
FB
1
499
1
4
1
1
=
+
⎛
⎝⎜
⎞
⎠⎟
=+
.
•
..
•
99
1
1
k
R
TRACK
FB
⎛
⎝⎜
⎞
⎠⎟
PGOOD1
PGOOD1
FB1
COMP1
TRACK1
RUN/SS1
LDO_IN
EN3
BOOST3
GND1
GND2
LTM4615
GND3
VIN1
VIN2
VOUT1
1.5V
1.2V
VIN 3V TO 5.5V
RFB1
10k
R3
10k
C4
22μF
6.3V
C5
22μF
6.3V
C7
22μF
6.3V
C6
22μF
6.3V
C8
22μF
6.3V
C11
10μF
6.3V
C13
CSSEXT
C9
22μF
6.3V
C3
22μF
6.3V
C12
10μF
C1
10μF
6.3V
C2
10μF
6.3V
C10
22μF
6.3V
L1 0.2μH*
SLAVE
1.2V
4A
MASTER
1.5V
4A
PGOOD2
PGOOD2
FB2
COMP2
TRACK2
VIN OR A CONTROL RAMP
RUN/SS2
LDO_OUT
FB3
PGOOD3
PGOOD3
VOUT2
RTA
10k
*FAIR-RITE 0805 2508056007Y6
OPTIONAL FILTER
RTB
4.99k
RFB2
5.76k
R6
10k
4615 F02
1V
LOW NOISE
1V LOW NOISE AT 1A
R5
3.32k
R4
10k
Figure 2. Dual Outputs (1.5V and 1.2V) with Tracking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com