Electronic Components Datasheet Search
  English  ▼

X  

LTM4615IV Datasheet(PDF) 20 Page - Linear Technology

Part # LTM4615IV
Description  Triple Output, Low Voltage DC/DC 關Module Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4615IV Datasheet(HTML) 20 Page - Linear Technology

Back Button LTM4615IV Datasheet HTML 16Page - Linear Technology LTM4615IV Datasheet HTML 17Page - Linear Technology LTM4615IV Datasheet HTML 18Page - Linear Technology LTM4615IV Datasheet HTML 19Page - Linear Technology LTM4615IV Datasheet HTML 20Page - Linear Technology LTM4615IV Datasheet HTML 21Page - Linear Technology LTM4615IV Datasheet HTML 22Page - Linear Technology LTM4615IV Datasheet HTML 23Page - Linear Technology LTM4615IV Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
LTM4615
20
4615f
APPLICATIONS INFORMATION
PGOOD1
PGOOD1
FB1
COMP1
TRACK1
RUN/SS1
RUN/SS2
COMP2
LDO_IN
EN3
BOOST3
GND1
GND2
LTM4615
GND3
VIN1
VIN2
VOUT1
VIN
1.2V
VIN 3V TO 5.5V
R1
4.99k
R3
10k
C6
100μF
6.3V
C11
10μF
6.3V
C13
0.01μF
C12
10μF
C1
10μF
6.3V
C2
10μF
6.3V
L1*
0.2μH
1.2V
FB2
VOUT2
1.2V
8A
PGOOD2
PGOOD1
FB2
COMP2
TRACK2
VIN
FB2
COMP2
RUN/SS2
LDO_OUT
FB3
PGOOD3
PGOOD3
VOUT2
*FAIR-RITE 0805 2508056007Y6
IF MORE FILTERING REQUIRED
R6
10k
4615 F13
1V
LOW NOISE
VOUT3 1V LOW NOISE AT 1A
R5
3.32k
C5
100μF
6.3V
Figure 13. LTM4615 Parallel 1.2V at 8A Design, 1V at 1A Design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com