Electronic Components Datasheet Search
  English  ▼

X  

MN16 Datasheet(PDF) 6 Page - Extech Instruments Corporation.

Part # MN16
Description  Autoranging Mini Multimeter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

MN16 Datasheet(HTML) 6 Page - Extech Instruments Corporation.

Back Button MN16 Datasheet HTML 2Page - Extech Instruments Corporation. MN16 Datasheet HTML 3Page - Extech Instruments Corporation. MN16 Datasheet HTML 4Page - Extech Instruments Corporation. MN16 Datasheet HTML 5Page - Extech Instruments Corporation. MN16 Datasheet HTML 6Page - Extech Instruments Corporation. MN16 Datasheet HTML 7Page - Extech Instruments Corporation. MN16 Datasheet HTML 8Page - Extech Instruments Corporation. MN16 Datasheet HTML 9Page - Extech Instruments Corporation. MN16 Datasheet HTML 10Page - Extech Instruments Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
MN16 V1.2 7/08
6
Operating Instructions
WARNING: Risk of electrocution. High-voltage circuits, both AC and DC, are very
dangerous and should be measured with great care.
1.
ALWAYS turn the function switch to the OFF position when the meter is not in use.
2.
If “OL” appears in the display during a measurement, the value exceeds the range
you have selected. Change to a higher range.
DC VOLTAGE MEASUREMENTS
CAUTION: Do not measure DC voltages if a motor on the circuit is being switched ON or
OFF. Large voltage surges may occur that can damage the meter.
1.
Set the function switch to the VDC position.
2.
Insert the black test lead banana plug into the negative COM jack.
Insert the red test lead banana plug into the positive V jack.
3.
Touch the black test probe tip to the negative side of the circuit.
Touch the red test probe tip to the positive side of the circuit.
4.
Read the voltage in the display.
AC VOLTAGE (FREQUENCY, DUTY CYCLE) MEASUREMENTS
WARNING: Risk of Electrocution. The probe tips may not be long enough to contact the
live parts inside some 240V outlets for appliances because the contacts are recessed
deep in the outlets. As a result, the reading may show 0 volts when the outlet actually has
voltage on it. Make sure the probe tips are touching the metal contacts inside the outlet
before assuming that no voltage is present.
CAUTION: Do not measure AC voltages if a motor on the circuit is being switched ON or
OFF. Large voltage surges may occur that can damage the meter.
1.
Set the function switch to the VAC position.
2.
Insert the black test lead banana plug into the negative COM jack.
Insert red test lead banana plug into the positive V jack.
3.
Touch the black test probe tip to the neutral side of the circuit.
Touch the red test probe tip to the “hot” side of the circuit.
4.
Read the voltage in the display.
5.
Press the MODE button to indicate “Hz”.
6.
Read the frequency in the display.
7.
Press the MODE button again to indicate “%”.
8.
Read the % of duty cycle in the display.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com