Electronic Components Datasheet Search
  English  ▼

X  

MN16 Datasheet(PDF) 10 Page - Extech Instruments Corporation.

Part # MN16
Description  Autoranging Mini Multimeter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

MN16 Datasheet(HTML) 10 Page - Extech Instruments Corporation.

Back Button MN16 Datasheet HTML 6Page - Extech Instruments Corporation. MN16 Datasheet HTML 7Page - Extech Instruments Corporation. MN16 Datasheet HTML 8Page - Extech Instruments Corporation. MN16 Datasheet HTML 9Page - Extech Instruments Corporation. MN16 Datasheet HTML 10Page - Extech Instruments Corporation. MN16 Datasheet HTML 11Page - Extech Instruments Corporation. MN16 Datasheet HTML 12Page - Extech Instruments Corporation. MN16 Datasheet HTML 13Page - Extech Instruments Corporation. MN16 Datasheet HTML 14Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
MN16 V1.2 7/08
10
AUTORANGING/MANUAL RANGE SELECTION
When the meter is first turned on, it automatically goes into Autoranging. This automatically
selects the best range for the measurements being made and is generally the best mode
for most measurements. For measurement situations requiring that a range be manually
selected, perform the following:
1.
Press the RANGE button. The “Auto” display indicator will turn off.
2.
Press the RANGE key to step through the available ranges. Observe the decimal
point and units displayed until the preferred range is located.
3.
To exit the Manual Ranging mode and return to Autoranging, press and hold the
RANGE key for 2 seconds.
Note: Manual ranging does not apply for the Capacitance and Frequency functions.
RELATIVE MODE
The relative measurement feature allows you to make measurements relative to a stored
zero reference value. A reference voltage, current, etc. can be stored and measurements
made in comparison to that value. The displayed value is the difference between the
reference value and the measured value.
1.
Perform the measurement as described in the operating instructions.
2.
Press the REL button to store (zero) the reading in the display. The "REL" indicator
will appear on the display.
3.
The display will now indicate the difference between the stored value and the
measured value.
4.
Press the REL button to exit the relative mode.
Note: The Relative function does not operate in the Frequency function.
HOLD
The hold function freezes the reading in the display. Press the HOLD key momentarily to
activate or to exit the HOLD function.
AUTO POWER OFF
The auto off feature will turn the meter off after 30 minutes.
LOW BATTERY INDICATION
The
icon will appear in the display when the battery voltage becomes low. Replace the
battery when this appears.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com