Electronic Components Datasheet Search
  English  ▼

X  

MN16 Datasheet(PDF) 2 Page - Extech Instruments Corporation.

Part # MN16
Description  Autoranging Mini Multimeter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

MN16 Datasheet(HTML) 2 Page - Extech Instruments Corporation.

  MN16 Datasheet HTML 1Page - Extech Instruments Corporation. MN16 Datasheet HTML 2Page - Extech Instruments Corporation. MN16 Datasheet HTML 3Page - Extech Instruments Corporation. MN16 Datasheet HTML 4Page - Extech Instruments Corporation. MN16 Datasheet HTML 5Page - Extech Instruments Corporation. MN16 Datasheet HTML 6Page - Extech Instruments Corporation. MN16 Datasheet HTML 7Page - Extech Instruments Corporation. MN16 Datasheet HTML 8Page - Extech Instruments Corporation. MN16 Datasheet HTML 9Page - Extech Instruments Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
MN16 V1.2 7/08
2
Introduction
Congratulations on your purchase of the Extech MN16 Autoranging Multimeter. This meter
measures AC/DC Voltage, AC/DC Current, Resistance, Capacitance, Frequency, Diode Test,
and Continuity plus Thermocouple Temperature. It features a rugged design for heavy duty
use This meter is shipped fully tested and calibrated and, with proper use, will provide years
of reliable service.
Safety
This symbol adjacent to another symbol, terminal or operating device
indicates that the operator must refer to an explanation in the Operating
Instructions to avoid personal injury or damage to the meter.
This WARNING symbol indicates a potentially hazardous situation, which
if not avoided, could result in death or serious injury.
This CAUTION symbol indicates a potentially hazardous situation, which
if not avoided, may result damage to the product.
This symbol advises the user that the terminal(s) so marked must not be
connected to a circuit point at which the voltage with respect to earth
ground exceeds (in this case) 600 VAC or VDC.
This symbol adjacent to one or more terminals identifies them as being
associated with ranges that may, in normal use, be subjected to
particularly hazardous voltages. For maximum safety, the meter and its
test leads should not be handled when these terminals are energized.
This symbol indicates that a device is protected throughout by double
insulation or reinforced insulation.
PER IEC1010 OVERVOLTAGE INSTALLATION CATEGORY
OVERVOLTAGE CATEGORY I
Equipment of OVERVOLTAGE CATEGORY I is equipment for connection to circuits in
which measures are taken to limit the transient overvoltages to an appropriate low level.
Note – Examples include protected electronic circuits.
OVERVOLTAGE CATEGORY II
Equipment of OVERVOLTAGE CATEGORY II is energy-consuming equipment to be
supplied from the fixed installation.
Note – Examples include household, office, and laboratory appliances.
OVERVOLTAGE CATEGORY III
Equipment of OVERVOLTAGE CATEGORY III is equipment in fixed installations.
Note – Examples include switches in the fixed installation and some equipment for industrial
use with permanent connection to the fixed installation.
OVERVOLTAGE CATEGORY IV
Equipment of OVERVOLTAGE CATEGORY IV is for use at the origin of the installation.
Note – Examples include electricity meters and primary over-current protection equipment
WARNING
CAUTION
MAX
600V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com