Electronic Components Datasheet Search
  English  ▼

X  

MN16 Datasheet(PDF) 13 Page - Extech Instruments Corporation.

Part # MN16
Description  Autoranging Mini Multimeter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

MN16 Datasheet(HTML) 13 Page - Extech Instruments Corporation.

Back Button MN16 Datasheet HTML 6Page - Extech Instruments Corporation. MN16 Datasheet HTML 7Page - Extech Instruments Corporation. MN16 Datasheet HTML 8Page - Extech Instruments Corporation. MN16 Datasheet HTML 9Page - Extech Instruments Corporation. MN16 Datasheet HTML 10Page - Extech Instruments Corporation. MN16 Datasheet HTML 11Page - Extech Instruments Corporation. MN16 Datasheet HTML 12Page - Extech Instruments Corporation. MN16 Datasheet HTML 13Page - Extech Instruments Corporation. MN16 Datasheet HTML 14Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
MN16 V1.2 7/08
13
Function
Range
Resolution
Accuracy
5.000Hz
0.001Hz
50.00Hz
0.01Hz
±(1.5% reading + 5 digits)
500.0Hz
0.1Hz
5.000kHz
0.001kHz
50.00kHz
0.01kHz
500.0kHz
0.1kHz
±(1.2% reading + 3 digits)
5.000MHz
0.001MHz
±(1.5% reading + 4 digits)
Frequency
Sensitivity: >0.5V rms min.
[ 1MHz; >3V rms > 1MHz
NOTE:
Accuracy is stated at 65
oF to 83oF (18oC to 28oC) and less than 75% RH.
Diode Test
Test current of 0.3mA typical, open circuit voltage 1.5V DC typical
Continuity Check
Audible signal will sound if the resistance is less than 150
Ω
(approx.), test current <0.3mA
Temperature Sensor
Requires type K thermocouple
Input Impedance
7.8MΩ
AC Response
Average responding
ACV Bandwidth
50Hz to 400Hz
Display
4,000 count liquid crystal
Overrange indication
“OL” is displayed
Auto Power Off
30 minutes (approximately)
Polarity
Automatic (no indication for positive); Minus (-) sign for negative
Measurement Rate
2 times per second, nominal
Low Battery Indication “
” is displayed if battery voltage drops below operating
voltage
Battery
Two AAA batteries
Fuses
mA, µA ranges; 0.5A/660V ceramic fast blow
A range; 10A/250V ceramic fast blow
Operating Temperature 41
°F to 104°F (5°C to 40°C)
Storage Temperature
-4
°F to 140°F (-20°C to 60°C)
Operating Humidity
Max 80% up to 87
°F (31°C) decreasing linearly to 50% at 104°F
(40
°C)
Storage Humidity
<80%
Operating Altitude
7000ft. (2000meters) maximum.
Weight
0.5lb (225g) (includes holster).
Size
5.31” x 2.67” x 1.7” (135 x 68 x 43mm)
Safety
This meter is intended for indoor use and protected, against the
users, by double insulation per EN61010-1 and IEC61010-1 2nd
Edition (2001) to CAT II 1000V & CAT III 600V; Pollution Degree 2.
The meter also meets UL 61010-1, Second Edition (2004),
CAN/CSA C22.2 No. 61010-1, Second Edition (2004), and UL
61010B-2-031, First Edition (2003)
Approvals
UL CE
UL Listed
The UL mark does not indicate that this product has been
evaluated for the accuracy of its readings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com