Electronic Components Datasheet Search
  English  ▼

X  

MN16 Datasheet(PDF) 11 Page - Extech Instruments Corporation.

Part # MN16
Description  Autoranging Mini Multimeter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

MN16 Datasheet(HTML) 11 Page - Extech Instruments Corporation.

Back Button MN16 Datasheet HTML 6Page - Extech Instruments Corporation. MN16 Datasheet HTML 7Page - Extech Instruments Corporation. MN16 Datasheet HTML 8Page - Extech Instruments Corporation. MN16 Datasheet HTML 9Page - Extech Instruments Corporation. MN16 Datasheet HTML 10Page - Extech Instruments Corporation. MN16 Datasheet HTML 11Page - Extech Instruments Corporation. MN16 Datasheet HTML 12Page - Extech Instruments Corporation. MN16 Datasheet HTML 13Page - Extech Instruments Corporation. MN16 Datasheet HTML 14Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
MN16 V1.2 7/08
11
Maintenance
WARNING: To avoid electric shock, disconnect the test leads from any source of voltage
before removing the back cover or the battery or fuse covers.
WARNING: To avoid electric shock, do not operate your meter until the battery and fuse
covers are in place and fastened securely.
This MultiMeter is designed to provide years of dependable service, if the following care
instructions are performed:
1. KEEP THE METER DRY. If it gets wet, wipe it off.
2. USE AND STORE THE METER IN NORMAL TEMPERATURES. Temperature
extremes can shorten the life of the electronic parts and distort or melt plastic parts.
3. HANDLE THE METER GENTLY AND CAREFULLY. Dropping it can damage the
electronic parts or the case.
4. KEEP THE METER CLEAN. Wipe the case occasionally with a damp cloth. DO NOT
use chemicals, cleaning solvents, or detergents.
5. USE ONLY FRESH BATTERIES OF THE RECOMMENDED SIZE AND TYPE. Remove
old or weak batteries so they do not leak and damage the unit.
6. IF THE METER IS TO BE STORED FOR A LONG PERIOD OF TIME, the batteries
should be removed to prevent damage to the unit.
BATTERY REPLACEMENT
1.
Disconnect the test leads from the meter.
2.
Remove the 2 Phillips head screws located on the back of the instrument and remove
the battery cover.
3.
Replace the 2 AAA batteries.
4.
Secure the fuse/battery compartment cover.
5.
Dispose of the old battery as required by local regulations.
FUSE REPLACEMENT
1.
Disconnect the test leads from the meter.
2.
Remove the 2 Phillips head screws located on the back of the instrument and remove
the battery cover.
3.
Gently remove the fuse(s) and install the new fuse(s) into the holder(s).
4.
Always use fuses of the proper size and value (500mA/660V ceramic fast blow for the
mA / µA ranges, 10A/250Vceramic fast blow for the A range).
5.
Secure the fuse/battery compartment cover.
WARNING: To avoid electric shock, do not operate your meter until the fuse cover is in
place and fastened securely.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com