Electronic Components Datasheet Search
  English  ▼

X  

MN16 Datasheet(PDF) 8 Page - Extech Instruments Corporation.

Part # MN16
Description  Autoranging Mini Multimeter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

MN16 Datasheet(HTML) 8 Page - Extech Instruments Corporation.

Back Button MN16 Datasheet HTML 4Page - Extech Instruments Corporation. MN16 Datasheet HTML 5Page - Extech Instruments Corporation. MN16 Datasheet HTML 6Page - Extech Instruments Corporation. MN16 Datasheet HTML 7Page - Extech Instruments Corporation. MN16 Datasheet HTML 8Page - Extech Instruments Corporation. MN16 Datasheet HTML 9Page - Extech Instruments Corporation. MN16 Datasheet HTML 10Page - Extech Instruments Corporation. MN16 Datasheet HTML 11Page - Extech Instruments Corporation. MN16 Datasheet HTML 12Page - Extech Instruments Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
MN16 V1.2 7/08
8
RESISTANCE MEASUREMENTS
WARNING: To avoid electric shock, disconnect power to the unit under test and
discharge all capacitors before taking any resistance measurements. Remove the
batteries and unplug the line cords.
1.
Set the function switch to the Ω position.
2.
Insert the black test lead banana plug into the negative COM jack.
Insert the red test lead banana plug into the positive
Ω jack.
3.
Press the MODE button to indicate “
Ω" on the display.
4.
Touch the test probe tips across the circuit or part under test.
5.
Read the resistance in the display.
CONTINUITY CHECK
WARNING: To avoid electric shock, never measure continuity on circuits or wires that
have voltage on them.
1.
Set the function switch to the
position.
2.
Insert the black lead banana plug into the negative COM jack.
Insert the red test lead banana plug into the positive
Ω jack.
3.
Press the MODE button to indicate”
"and “Ω” on the display
4.
Touch the test probe tips to the circuit or wire you wish to check.
5.
If the resistance is less than approximately 150
Ω, the audible signal
will sound. If the circuit is open, the display will indicate “OL”.
DIODE TEST
1.
Set the function switch to the
position.
2.
Insert the black test lead banana plug into the negative COM jack and
the red test lead banana plug into the positive V jack.
3.
Press the MODE button to indicate
and V on the display.
4.
Touch the test probes to the diode under test. Forward voltage will
typically indicate 0.400 to 0.700V. Reverse voltage will indicate “OL”.
Shorted devices will indicate near 0V and an open device will indicate
“OL” in both polarities.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com