Electronic Components Datasheet Search
  English  ▼

X  

MN16 Datasheet(PDF) 9 Page - Extech Instruments Corporation.

Part # MN16
Description  Autoranging Mini Multimeter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

MN16 Datasheet(HTML) 9 Page - Extech Instruments Corporation.

Back Button MN16 Datasheet HTML 5Page - Extech Instruments Corporation. MN16 Datasheet HTML 6Page - Extech Instruments Corporation. MN16 Datasheet HTML 7Page - Extech Instruments Corporation. MN16 Datasheet HTML 8Page - Extech Instruments Corporation. MN16 Datasheet HTML 9Page - Extech Instruments Corporation. MN16 Datasheet HTML 10Page - Extech Instruments Corporation. MN16 Datasheet HTML 11Page - Extech Instruments Corporation. MN16 Datasheet HTML 12Page - Extech Instruments Corporation. MN16 Datasheet HTML 13Page - Extech Instruments Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
MN16 V1.2 7/08
9
TEMPERATURE MEASUREMENTS
1.
Set the function switch to the ºF or ºC position.
2.
Insert the Temperature Probe into the input jacks, making sure to
observe the correct polarity.
3.
Touch the Temperature Probe head to the part whose temperature you
wish to measure. Keep the probe touching the part under test until the
reading stabilizes (about 30 seconds).
4.
Read the temperature in the display.
Note: The temperature probe is fitted with a type K mini connector. A mini
connector to banana connector adaptor is supplied for connection to the
input banana jacks.
CAPACITANCE MEASUREMENTS
WARNING: To avoid electric shock, disconnect power to the unit under test and
discharge all capacitors before taking any capacitance measurements. Remove the
batteries and unplug the line cords.
1.
Set the rotary function switch to the CAP position.
2.
Insert the black test lead banana plug into the negative COM jack.
Insert the red test lead banana plug into the positive CAP jack.
3.
Press the MODE button to indicate “nF” on the display.
4.
Touch the test leads to the capacitor to be tested.
5.
Read the capacitance value in the display
FREQUENCY/DUTY CYCLE MEASUREMENTS
1.
Set the rotary function switch to the “Hz %” position.
2.
Press the MODE button to indicate “Hz” in the display.
3.
Insert the black lead banana plug into the negative COM jack
Insert the red test lead banana plug into the positive Hz jack.
4.
Touch the test probe tips to the circuit under test.
5.
Read the frequency on the display.
6.
Press the MODE button again to indicate “%” on the display.
7.
Read the % of duty cycle on the display.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com