Electronic Components Datasheet Search
  English  ▼

X  

MAX17005B Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX17005B
Description  1.2MHz, Low-Cost, High-Performance Chargers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17005B Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX17005B Datasheet HTML 3Page - Maxim Integrated Products MAX17005B Datasheet HTML 4Page - Maxim Integrated Products MAX17005B Datasheet HTML 5Page - Maxim Integrated Products MAX17005B Datasheet HTML 6Page - Maxim Integrated Products MAX17005B Datasheet HTML 7Page - Maxim Integrated Products MAX17005B Datasheet HTML 8Page - Maxim Integrated Products MAX17005B Datasheet HTML 9Page - Maxim Integrated Products MAX17005B Datasheet HTML 10Page - Maxim Integrated Products MAX17005B Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
1.2MHz, Low-Cost,
High-Performance Chargers
_______________________________________________________________________________________
7
Typical Operating Characteristics
(Circuit of Figure 1, adapter = 19V, battery = 10V, ISET = 1.05V, VCTL = AGND, TA = +25
°C, unless otherwise noted.)
IINP DC ERROR
vs. SYSTEM CURRENT
SYSTEM CURRENT (A)
4
3
12
-8
-6
-4
-2
0
2
4
6
8
10
-10
05
IINP ERROR
vs. SYSTEM CURRENT
SYSTEM CURRENT (A)
4.0
3.5
2.5 3.0
1.0 1.5 2.0
0.5
-8
-6
-4
-2
0
2
4
6
8
10
-10
04.5
VBATT = 16.8V
VBATT = 8.4V
VBATT = 12.6V
ISET PWM DUTY-CYCLE CHANGE
DUTY CYCLE
0.8 0.9
0.1 0.2 0.3 0.4 0.5 0.6 0.7
0.5
1.0
1.5
2.0
2.5
3.0
0
01.0
ISET PWM DUTY-CYCLE CHANGE
DUTY CYCLE
80
90
10 20
30 40 50 60 70
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
0100
ISET PWM FREQUENCY SWEEP
FREQUENCY (kHz)
600
700
100
200 300
400
500
0.5
1.0
1.5
2.0
2.5
3.0
0
0
800
DUTY CYCLE = 75%
DUTY CYCLE = 25%
BATTERY VOLTAGE-SETTING ERROR
VCTL (V)
3.0
3.5 4.0
0.5 1.0 1.5 2.0 2.5
-0.5
-0.4
-0.3
-0.2
-0.1
0
-0.6
04.5
SYSTEM LOAD TRANSIENT
MAX17005B toc07
200
μs/div
SYSTEM
CURRENT
5A/div
CHARGING
CURRENT
5A/div
INDUCTOR
CURRENT
5A/div
EFFICIENCY
vs. CHARGE CURRENT
CHARGE CURRENT (A)
2.5
3.0
3.5
0.5
1.0
1.5
2.0
70
65
75
80
85
95
90
100
60
04.0
2 CELLS
3 CELLS
4 CELLS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com