Electronic Components Datasheet Search
  English  ▼

X  

MAX17005B Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX17005B
Description  1.2MHz, Low-Cost, High-Performance Chargers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17005B Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX17005B Datasheet HTML 2Page - Maxim Integrated Products MAX17005B Datasheet HTML 3Page - Maxim Integrated Products MAX17005B Datasheet HTML 4Page - Maxim Integrated Products MAX17005B Datasheet HTML 5Page - Maxim Integrated Products MAX17005B Datasheet HTML 6Page - Maxim Integrated Products MAX17005B Datasheet HTML 7Page - Maxim Integrated Products MAX17005B Datasheet HTML 8Page - Maxim Integrated Products MAX17005B Datasheet HTML 9Page - Maxim Integrated Products MAX17005B Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
1.2MHz, Low-Cost,
High-Performance Chargers
6
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(Circuit of Figure 1, VDCIN = VCSSP = VCSSN = 19V, VBATT = VCSIP = VCSIN = 16.8V, VVCTL = VAA, VISET = 1V, TA = -40°C to +85°C,
unless otherwise noted.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
REFERENCES
VAA Output Voltage
IVAA = 50μA
4.18
4.22
V
VAA UVLO Threshold
VAA falling
3.9
V
ACIN
ACIN Threshold
2.058
2.142
V
ACIN Threshold Hysteresis
10
30
mV
ACOK
ACOK Sink Current
VACOK = 0.4V, VACIN = 1.5V
6
mA
SWITCHING REGULATOR
DHI Off-Time K Factor
VDCIN = 19V, VBATT = 10V
0.029
0.041
μs/V
Cycle-by-Cycle Current-Limit Sense Voltage
VCSIP - VCSIN
105
115
mV
DHI Resistance High
IDLO = 10mA
3
DHI Resistance Low
IDLO = -10mA
1.75
DLO Resistance High
IDLO = 10mA
6
DLO Resistance Low
IDLO = -10mA
7
ADAPTER DETECTION
Adapter Absence-Detect Threshold
VDCIN - VBATT, VDCIN falling
+70
+170
mV
Adapter Detect Threshold
VDCIN - VBATT, VDCIN rising
+320
+620
mV
Adapter Switch Charge-Pump Frequency
180
220
Hz
DLO
0.04
0.2
Adapter Switch Charge-Pump Refresh Pulse
DHI
0.07
0.3
μs
Note 1: Accuracy does not include errors due to external resistance tolerances.
Note 2: Adapter present conditions are tested at VDCIN = 19V and VBATT = 16.8V. Adapter absent conditions are tested at
VDCIN = 16V, VBATT = 16.8V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com