Electronic Components Datasheet Search
  English  ▼

X  

MAX17005B Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX17005B
Description  1.2MHz, Low-Cost, High-Performance Chargers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17005B Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX17005B Datasheet HTML 5Page - Maxim Integrated Products MAX17005B Datasheet HTML 6Page - Maxim Integrated Products MAX17005B Datasheet HTML 7Page - Maxim Integrated Products MAX17005B Datasheet HTML 8Page - Maxim Integrated Products MAX17005B Datasheet HTML 9Page - Maxim Integrated Products MAX17005B Datasheet HTML 10Page - Maxim Integrated Products MAX17005B Datasheet HTML 11Page - Maxim Integrated Products MAX17005B Datasheet HTML 12Page - Maxim Integrated Products MAX17005B Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
1.2MHz, Low-Cost,
High-Performance Chargers
_______________________________________________________________________________________
9
Pin Description
PIN
NAME
FUNCTION
1
DCIN
Charger Bias Supply Input. Bypass DCIN with a 1μF capacitor to PGND.
2
AGND
Analog Ground
3
CSIP
Output Current-Sense Positive Input. Connect a current-sense resistor from CSIP to CSIN.
4
CSIN
Output Current-Sense Negative Input
5
IINP
Input Current-Monitor Output. IINP sources the current proportional to the current sensed across
CSSP and CSSN. The transconductance from (CSSP - CSSN) to IINP is 2.8μA/mV. See the Analog
Input Current-Monitor Output section to configure the current monitor for a particular gain setting.
6
BATT/FB
Battery Voltage Feedback Input. For the MAX17015B, connect a resistor voltage-divider from the
battery output to FB (see Figure 1).
7
ACOK
AC Detect Output. This open-drain output is high impedance when ACIN is lower than VAA/2.
Connect a 10k
pullup resistor from LDO to
ACOK.
8
CSSP
Input Current Sense for Positive Input. Connect a current-sense resistor from CSSP to CSSN.
9
CSSN
Input Current-Sense Negative Input
10
ISET
Dual Mode™ Input for Setting Maximum Charge Current. ISET can be configured either with a
resistor voltage-divider or with a PWM signal from 128Hz to 500kHz. If there is no clock edge
within 20ms, ISET defaults to analog input mode. Pull ISET to AGND to shut down the charger. In
the MAX17015B, when the adapter is absent, drive ISET above 1V to enable IINP during battery
discharge. When the adapter is reinserted, ISET must be released to the correct control level within
300ms.
11
PGND
Power Ground Connection for MOSFET Drivers
12
DLO
Low-Side Power-MOSFET Driver Output. Connect to low-side n-channel MOSFET gate.
13
LDO
Linear-Regulator Output. LDO provides the power to the MOSFET drivers. LDO is the output of the 5.4V
linear regulator supplied from DCIN. Bypass LDO with a 4.7μF ceramic capacitor from LDO to PGND.
14
BST
High-Side Driver Supply. Connect a 0.68μF capacitor from BST to LX.
15
DHI
High-Side Power-MOSFET Driver Output. Connect to high-side n-channel MOSFET gate.
16
LX
High-Side Driver Source Connection. Connect a 0.68μF capacitor from BST to LX.
17
ACIN
AC Adapter Detect Input. ACIN is the input to an uncommitted comparator.
18
VAA
4.2V Voltage Reference and Device Power-Supply Input. Bypass VAA with a 1μF capacitor to AGND.
19
CC
Voltage Regulation Loop-Compensation Point. Connect a 0.01μF capacitor from CC to AGND.
20
VCTL
Battery Voltage Adjust Input. VCTL sets the number of cells and adjusts the voltage per cell. The
adjustment range is 4.2V to 4.4V per cell. See the Setting Charge Voltage section.
—
BP
Backside Paddle. Connect the backside paddle to analog ground.
Dual Mode is a trademark of Maxim Integrated Products, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com