Electronic Components Datasheet Search
  English  ▼

X  

MAX17005B Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX17005B
Description  1.2MHz, Low-Cost, High-Performance Chargers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17005B Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX17005B Datasheet HTML 8Page - Maxim Integrated Products MAX17005B Datasheet HTML 9Page - Maxim Integrated Products MAX17005B Datasheet HTML 10Page - Maxim Integrated Products MAX17005B Datasheet HTML 11Page - Maxim Integrated Products MAX17005B Datasheet HTML 12Page - Maxim Integrated Products MAX17005B Datasheet HTML 13Page - Maxim Integrated Products MAX17005B Datasheet HTML 14Page - Maxim Integrated Products MAX17005B Datasheet HTML 15Page - Maxim Integrated Products MAX17005B Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
1.2MHz, Low-Cost,
High-Performance Chargers
12
______________________________________________________________________________________
Setting Charge Voltage
The VCTL input adjusts the battery-output voltage,
VBATT, and determines the number of cells. For 3- and
4-cell applications, use the MAX17005B; for 2- and
3-cell applications, use the MAX17006B. Use the
MAX17015B to adjust the cell number and set the cell
voltage with a resistive voltage-divider from the output.
Based on the version of the part, the number of cells
and the level of VCTL should be set as in Table 1.
The MAX17005B/MAX17006B support from 4.2V/cell to
4.4V/cell, whereas the MAX17015B supports minimum
2.1V. The maximum voltage is determined with the
dropout performance of IC. When the required voltage
falls outside the range available with the MAX17005B or
MAX17006B, the MAX17015B should be used.
The charge-voltage regulation for the MAX17005B and
MAX17006B is calculated with the following equations:
for 3-cell selection of MAX17005B and MAX17006B,
4.2V > VCTL > 2.4V:
for 2- or 4-cell selection of MAX17006B or MAX17005B,
respectively, 0 < VCTL < 1.8V. Connect VCTL to AGND
or to VAA for default 4.2V/cell battery-voltage setting.
For the MAX17015B, connect VCTL to AGND to set the
FB regulation point to 2.1V. The charge-voltage regula-
tion is calculated with the following equation:
There are two constraints in choosing R7 and R8. The
resistors cannot be too small since they discharge the
battery, and they cannot be too large because FB pin
consumes less than 1μA of input bias current. Pick R8
to be approximately 10k
Ω and then calculate R7.
FB regulation error (±0.5% max) and the tolerance of R7
and R8 both contribute to the error on the battery volt-
age. Use 0.1% feedback resistors for best accuracy.
Figure 3 shows the MAX17015B charge-voltage regula-
tion feedback network.
Setting Charge Current
The voltage at ISET determines the voltage across cur-
rent-sense resistor RS2. ISET can accept either analog
or digital inputs. The full-scale differential voltage
between CSIP and CSIN is 80mV (8A for RS2 = 10m
Ω)
for the analog input, and 60mV (6A for RS2 = 10m
Ω) for
the digital PWM input.
When the MAX17005B/MAX17006B/MAX17015B power
up and the charger is ready, if there is no clock edge
within 20ms, the circuit assumes ISET is an analog
input, and disables the PWM filter block. To configure
the charge current, force the voltage on ISET according
to the following equation:
The input range for ISET is from 0 to VAA/2. To shut
down the charger, pull ISET below 26mV.
If there is a clock edge on ISET within 20ms, the PWM
filter is enabled and ISET accepts digital PWM input.
The PWM filter has a DAC with 8-bit resolution that cor-
responds to equivalent VCSIP-CSIN steps.
I
mV
RS
V
V
CHG
ISET
AA
=×
240
2
VV
RR
R
CHG REG
FB SETPOINT
__
=×
+
87
8
VV
V
CELL
AA
VCTL
=+
6
VV
VV
CELL
AA
AA
VCTL
=+
-
6
VERSION
NO. OF CELLS
LEVEL
MAX17005B
3
2.4V < VCTL < 4.2V
MAX17005B
4
0 < VCTL < 1.8V
MAX17006B
2
0 < VCTL < 1.8V
MAX17006B
3
2.4V < VCTL < 4.2V
MAX17015B
Sets FB
VCTL = AGND or VCTL = VAA
Table 1. Cell Configuration
CSIN
FB
BATTERY
COUT
R7
R8
MAX17015B
Figure 3. MAX17015B Charge-Voltage Regulation Feedback
Network



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com