Electronic Components Datasheet Search
  English  ▼

X  

MAX17005B Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX17005B
Description  1.2MHz, Low-Cost, High-Performance Chargers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17005B Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX17005B Datasheet HTML 7Page - Maxim Integrated Products MAX17005B Datasheet HTML 8Page - Maxim Integrated Products MAX17005B Datasheet HTML 9Page - Maxim Integrated Products MAX17005B Datasheet HTML 10Page - Maxim Integrated Products MAX17005B Datasheet HTML 11Page - Maxim Integrated Products MAX17005B Datasheet HTML 12Page - Maxim Integrated Products MAX17005B Datasheet HTML 13Page - Maxim Integrated Products MAX17005B Datasheet HTML 14Page - Maxim Integrated Products MAX17005B Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
1.2MHz, Low-Cost,
High-Performance Chargers
______________________________________________________________________________________
11
CSA
A = 17.5V/V
CSSN
CSSP
Gm =
2.8
μA/mV
IINP
GMS
CSIN
CSIP
GMI
ISET
26mV
CHARGER
SHUTDOWN
CELL
SELECT
LOGIC
BATT
VAA
VCTL
GMV
CC
LOWEST
VOLTAGE
CLAMP
CSI
60mV
PWM
FILTER
DHI
DLO
PGND
LX
BST
LEVEL
SHIFT
HIGH-SIDE
DRIVER
LOW-SIDE
DRIVER
CCMP
IMIN
IMAX
IZX
10mV
OVP
DC-DC
CONVERTER
110mV
10mV
BDIV
BDIV
VCTL + 100mV
5.4V LINEAR
REGULATOR
4.2V
REFERENCE
DCIN
LDO
VAA
POWER
FAIL
LDO
AGND
BATT
VAA/2
ACOK
LDO
ACIN
MAX17005B
MAX17006B
MAX17015B
CSA
A = 17.5V/V
Figure 2. Functional Diagram
The MAX17005B/MAX17006B/MAX17015B feature a
voltage-regulation loop (CCV) and two current-regula-
tion loops (CCI and CCS). The loops operate indepen-
dently of each other. The CCV voltage-regulation loop
monitors BATT to ensure that its voltage never exceeds
the voltage set by VCTL. The CCI battery charge cur-
rent-regulation loop monitors current delivered to BATT
to ensure that it never exceeds the current limit set by
ISET. The charge current-regulation loop is in control as
long as the battery voltage is below the set point. When
the battery voltage reaches its set point, the voltage-
regulation loop takes control and maintains the battery
voltage at the set point. A third loop (CCS) takes control
and reduces the charge current when the adapter cur-
rent exceeds the input current limit.
The MAX17005B/MAX17006B/MAX17015B have single-
point compensation. The two current loops are internal-
ly compensated while the voltage loop is compensated
with a capacitor at CC pin. A functional diagram is
shown in Figure 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com