Electronic Components Datasheet Search
  English  ▼

X  

MAX17005B Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX17005B
Description  1.2MHz, Low-Cost, High-Performance Chargers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17005B Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX17005B Datasheet HTML 12Page - Maxim Integrated Products MAX17005B Datasheet HTML 13Page - Maxim Integrated Products MAX17005B Datasheet HTML 14Page - Maxim Integrated Products MAX17005B Datasheet HTML 15Page - Maxim Integrated Products MAX17005B Datasheet HTML 16Page - Maxim Integrated Products MAX17005B Datasheet HTML 17Page - Maxim Integrated Products MAX17005B Datasheet HTML 18Page - Maxim Integrated Products MAX17005B Datasheet HTML 19Page - Maxim Integrated Products MAX17005B Datasheet HTML 20Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
1.2MHz, Low-Cost,
High-Performance Chargers
16
______________________________________________________________________________________
CC, CCI, CCS, and LVC Control Blocks
The MAX17005B/MAX17006B/MAX17015B control
input current (CCS control loop), charge current (CCI
control loop), or charge voltage (CC control loop),
depending on the operating condition. The three con-
trol loops, CC, CCI, and CCS are brought together
internally at the lowest voltage clamp (LVC) amplifier.
The output of the LVC amplifier is the feedback control
signal for the DC-DC controller. The minimum voltage
at the CC, CCI, or CCS appears at the output of the
LVC amplifier and clamps the other control loops to
within 0.3V above the control point. Clamping the other
two control loops close to the lowest control loop
ensures fast transition with minimal overshoot when
switching between different control loops (see the
Compensation section). The CCS and CCI loops are
compensated internally, and the CC loop is compen-
sated externally.
Continuous-Conduction Mode
With sufficiently large charge current, the MAX17005B/
MAX17006B/MAX17015Bs’ inductor current never
crosses zero, which is defined as continuous-conduc-
tion mode. The controller starts a new cycle by turning
on the high-side MOSFET and turning off the low-side
MOSFET. When the charge-current feedback signal
(CSI) is greater than the control point (LVC), the CCMP
comparator output goes high and the controller initiates
the off-time by turning off the high-side MOSFET and
turning on the low-side MOSFET. The operating fre-
quency is governed by the off-time and is dependent
upon VCSIN and VDCIN.
The on-time can be determined using the following
equation:
where:
The switching frequency can then be calculated:
At the end of the computed off-time, the controller initi-
ates a new cycle if the control point (LVC) is greater
than 10mV (VCSIP - VCSIN referred), and the charge
current is less than the cycle-by-cycle current limit.
Restated another way, IMIN must be high, IMAX must
be low, and OVP must be low for the controller to initi-
ate a new cycle. If the peak inductor current exceeds
the IMAX comparator threshold or the output voltage
exceeds the OVP threshold, then the on-time is termi-
nated. The cycle-by-cycle current limit effectively pro-
tects against overcurrent and short-circuit faults.
If during the off-time the inductor current goes to zero,
the ZCMP comparator output pulls high, turning off the
low-side MOSFET. Both the high- and low-side
MOSFETs are turned off until another cycle is ready to
begin. ZCMP causes the MAX17005B/MAX17006B/
MAX17015B to enter into the discontinuous conduction
mode (see the
Discontinuous Conduction section).
Discontinuous Conduction
The MAX17005B/MAX17006B/MAX17015B can also
operate in discontinuous conduction mode to ensure that
the inductor current is always positive. The MAX17005B/
MAX17006B/MAX17015B enter discontinuous conduction
mode when the output of the LVC control point falls below
10mV (referred at VCSIP - VCSIN). For RS2 = 10m
Ω, this
corresponds to a peak inductor current of 1A.
In discontinuous mode, a new cycle is not started until
the LVC voltage rises above IMIN. Discontinuous mode
operation can occur during conditioning charge of
overdischarged battery packs, when the charge cur-
rent has been reduced sufficiently by the CCS control
loop, or when the charger is in constant-voltage mode
with a nearly full battery pack.
Compensation
The charge voltage, charge current, and input current-
limit regulation loops are compensated separately. The
charge current and input current-limit loops, CCI and
CCS, are compensated internally, whereas the charge
voltage loop is compensated externally at CC.
For CC compensation, connect a 0.01μF capacitor at
CC. The crossover frequency occurs at:
where:
GMV = 0.125μA/mV
GMOUT = 5A/V
fGM
G
k
C
CO CV
OUT
MV
OUT
_
.
=×
×
×
17
2
Ω
π
f
tt
SW
ON
OFF
=
+
1
I
Vt
L
RIPPLE
BATT
OFF
=
×
t
LI
VV
ON
RIPPLE
DCIN
BATT
=
×
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com