Electronic Components Datasheet Search
  English  ▼

X  

SC120 Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC120
Description  Low Voltage Synchronous Boost Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC120 Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC120 Datasheet HTML 3Page - Semtech Corporation SC120 Datasheet HTML 4Page - Semtech Corporation SC120 Datasheet HTML 5Page - Semtech Corporation SC120 Datasheet HTML 6Page - Semtech Corporation SC120 Datasheet HTML 7Page - Semtech Corporation SC120 Datasheet HTML 8Page - Semtech Corporation SC120 Datasheet HTML 9Page - Semtech Corporation SC120 Datasheet HTML 10Page - Semtech Corporation SC120 Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
PRELIMINARY
SC120
7
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.77
1.78
1.79
1.8
1.81
1.82
1.83
1.84
1.85
V
IN
(V)
R1 = 499kΩ, R2 = 1MΩ, L = 4.7μH, I
OUT
= 4mA
Line Regulation — PSAVE Mode (V
OUT = 4.0V)
0.5
1
1.5
2
2.5
3
3.5
4
3.85
3.9
3.95
4
4.05
V
IN
(V)
R1 = 1.37MΩ, R2 = 590kΩ, L = 4.7μH, I
OUT
= 4mA
Line Regulation — PWM Mode (V
OUT = 4.0V)
0.5
1
1.5
2
2.5
3
3.5
4
3.85
3.9
3.95
4
4.05
V
IN
(V)
R1 = 1.37MΩ, R2 = 590kΩ, L = 4.7μH, I
OUT
= 75mA
Line Regulation — PWM Mode (V
OUT = 3.3V)
0.5
0.75
1
1.25
1.5
1.75
2
2.25
2.5
2.75
3
3.2
3.22
3.24
3.26
3.28
3.3
3.32
3.34
V
IN
(V)
FB grounded, L = 4.7μH, I
OUT
= 75mA
Line Regulation — PSAVE Mode (V
OUT = 1.8V)
Line Regulation — PWM Mode (V
OUT = 1.8V)
Line Regulation — PSAVE Mode (V
OUT = 3.3V)
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.77
1.78
1.79
1.8
1.81
1.82
1.83
1.84
1.85
V
IN
(V)
R1 = 499kΩ, R2 = 1MΩ, L = 4.7μH, I
OUT
= 45mA
0.5
0.75
1
1.25
1.5
1.75
2
2.25
2.5
2.75
3
3.2
3.22
3.24
3.26
3.28
3.3
3.32
3.34
V
IN
(V)
FB grounded, L = 4.7μH, I
OUT
= 4mA
Typical Characteristics (continued)
T
A
= 25°C
T
A
= 85°C
T
A
= –40°C
T
A
= 25°C
T
A
= 85°C
T
A
= –40°C
T
A
= 25°C
T
A
= 85°C
T
A
= –40°C
T
A
= 25°C
T
A
= 85°C
T
A
= –40°C
T
A
= 25°C
T
A
= 85°C
T
A
= –40°C
T
A
= 25°C
T
A
= 85°C
T
A
= –40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com