Electronic Components Datasheet Search
  English  ▼

X  

SC120 Datasheet(PDF) 12 Page - Semtech Corporation

Part # SC120
Description  Low Voltage Synchronous Boost Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC120 Datasheet(HTML) 12 Page - Semtech Corporation

Back Button SC120 Datasheet HTML 8Page - Semtech Corporation SC120 Datasheet HTML 9Page - Semtech Corporation SC120 Datasheet HTML 10Page - Semtech Corporation SC120 Datasheet HTML 11Page - Semtech Corporation SC120 Datasheet HTML 12Page - Semtech Corporation SC120 Datasheet HTML 13Page - Semtech Corporation SC120 Datasheet HTML 14Page - Semtech Corporation SC120 Datasheet HTML 15Page - Semtech Corporation SC120 Datasheet HTML 16Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
PRELIMINARY
SC120
12
Block Diagram
-
+
VREF
1.2 V
Start-up
Oscillator
Gate Drive
and
Logic
Control
Error
Amp.
-
+
Slope
Comp.
Oscillator and
Slope
Generator
PWM
Control
-
+
-
+
-
+
-
+
+
-
Current
Amplifier
PLIM
Amp.
1.7 V
VOUT
Comp.
1
6
5
2
4
3
IN
EN
FB
GND
LX
OUT
Bulk
Bias
+
-
NLIM
Amplifier
PWM
Comp.
Output Voltage
Selection Logic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com