Electronic Components Datasheet Search
  English  ▼

X  

SC120 Datasheet(PDF) 16 Page - Semtech Corporation

Part # SC120
Description  Low Voltage Synchronous Boost Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC120 Datasheet(HTML) 16 Page - Semtech Corporation

Back Button SC120 Datasheet HTML 12Page - Semtech Corporation SC120 Datasheet HTML 13Page - Semtech Corporation SC120 Datasheet HTML 14Page - Semtech Corporation SC120 Datasheet HTML 15Page - Semtech Corporation SC120 Datasheet HTML 16Page - Semtech Corporation SC120 Datasheet HTML 17Page - Semtech Corporation SC120 Datasheet HTML 18Page - Semtech Corporation SC120 Datasheet HTML 19Page - Semtech Corporation SC120 Datasheet HTML 20Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
PRELIMINARY
SC120
16
The Enable Pin
The EN pin is a high impedance logical input that can be
used to enable or disable the SC120 under processor
control. V
EN
< 0.2V will disable regulation, set the LX pin in
a high-impedance state (turn off both FET switches), and
turn on an active discharge device to discharge the output
capacitor via the OUT pin. V
EN
> 0.85V will enable the
output. The startup sequence from the EN pin is identical
to the startup sequence from the application of input
power.
Regulator Startup, Short Circuit Protection, and
Current Limits
The SC120 permits power up at input voltages from 0.85V
to 3.8V. Startup current limiting of the internal switching
n-channel and p-channel FET power devices protects
them from damage in the event of a short between OUT
and GND. As the output voltage rises, progressively less-
restrictive current limits are applied. This protection
unavoidably prevents startup into an excessive load.
To begin, the p-channel FET between the LX and OUT pins
turns on with its current limited to approximately 150mA,
the short-circuit output current. When V
OUT
approaches V
IN
(but is still below 1.7V), the n-channel current limit is set
to 350mA (the p-channel limit is disabled), the internal
oscillator turns on (approximately 200kHz), and a fixed
75% duty cycle PWM operation begins. (See the section
PWM Operation.) When the output voltage exceeds 1.7V,
normal fixed frequency variable duty cycle PWM opera-
tion begins, with the n-channel FET’s current limited to
350mA to prevent excessive output voltage overshoot. If
the n-channel FET current limit is exceeded, the on-state
ends immediately and the off-state begins, overriding the
output voltage regulation controller. This reduces the
duty cycle on a cycle-by-cycle basis. When V
OUT
is within
2% of the programmed regulation voltage, the n-channel
FET current limit is raised to 1.2A.
Once variable duty cycle PWM operation is initiated, the
output becomes independent of V
IN
and output regula-
tion can be maintained for V
IN
as low as 0.7V, subject to the
maximum duty cycle and peak current limits. The duty
cycle must remain between 15% and 90% for the device
to operate within specification.
Note that startup with a regulated active load is not the
same as startup with a resistive load. The resistive load
output current increases proportionately as the output
voltage rises until it reaches programmed V
OUT
/R
LOAD
, while
a regulated active load presents a constant load as the
output voltage rises from 0V to programmed V
OUT
. Note
also that if the load applied to the output exceeds an
applicable V
OUT
–dependent startup current limit or duty
cycle limit, the criterion to advance to the next startup
stage may not be achieved. In this situation startup may
pause at a reduced output voltage until the load is reduced
further.
Output Overload and Recovery
When in PSAVE operation, an increasing load will eventu-
ally satisfy one of the PSAVE exit criteria and regulation
will revert to PWM operation. As previously noted, the
PWM steady state duty cycle is determined by
D = 1 – (V
IN
/V
OUT
), but must be somewhat greater in prac-
tice to overcome dissipative losses. As the output load
increases, the dissipative losses also increase. The PWM
controller must increase the duty cycle to compensate.
Eventually, one of two overload conditions will occur,
determined by V
IN
, V
OUT
, and the overall dissipative losses
due to the output load current. Either the maximum duty
cycle of 90% will be reached or the n-channel FET 1.2A
(nominal) peak current limit will be reached, which effec-
tively limits the duty cycle to a lower value. Above that
load, the output voltage will decrease rapidly and in
reverse order the startup current limits will be invoked as
the output voltage falls through its various voltage thresh-
olds. How far the output voltage drops depends on the
load V-I characteristics.
A reduction in input voltage, such as due to a discharging
battery, will lower the load current at which overload
occurs. Lower input voltage increases the duty cycle
required to produce a given output voltage. And lower
input voltage also increases the input current to maintain
the input power, which increases dissipative losses and
further increases the required duty cycle. Therefore an
increase in load current or a decrease in input voltage can
result in output overload.
Once an overload has occurred, the load must be
decreased to permit recovery. The conditions required for
Applications Information (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com