Electronic Components Datasheet Search
  English  ▼

X  

SC120 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC120
Description  Low Voltage Synchronous Boost Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC120 Datasheet(HTML) 3 Page - Semtech Corporation

  SC120 Datasheet HTML 1Page - Semtech Corporation SC120 Datasheet HTML 2Page - Semtech Corporation SC120 Datasheet HTML 3Page - Semtech Corporation SC120 Datasheet HTML 4Page - Semtech Corporation SC120 Datasheet HTML 5Page - Semtech Corporation SC120 Datasheet HTML 6Page - Semtech Corporation SC120 Datasheet HTML 7Page - Semtech Corporation SC120 Datasheet HTML 8Page - Semtech Corporation SC120 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
PRELIMINARY
SC120
3
Exceeding the above specifications may result in permanent damage to the device or device malfunction. Operation outside of the parameters
specified in the Electrical Characteristics section is not recommended.
NOTES:
(1)
Tested according to JEDEC standard JESD22-A114.
(2)
Calculated from package in still air, mounted to 3 x 4.5 (in), 4 layer FR4 PCB with thermal vias under the exposed pad per JESD51 standards.
Absolute Maximum Ratings
IN, OUT, LX, FB (V) . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +6.0
EN (V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to (V
IN
+ 0.3)
ESD Protection Level(1) (kV) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
Recommended Operating Conditions
Ambient Temperature Range (°C). . . . . . . . . . . . -40 to +85
V
IN
(V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.7 to 3.8
V
OUT
(V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.8 to 4.0
Thermal Information
Thermal Resistance, Junction to Ambient(2) (°C/W) . . . . 84
Maximum Junction Temperature (°C) . . . . . . . . . . . . . . . 150
Storage Temperature Range (°C) . . . . . . . . . . . -65 to +150
Peak IR Reflow Temperature (10s to 30s) (°C) . . . . . . +260
Unless otherwise noted V
IN
= 2.5V, C
IN
= C
OUT
= 22μF, L
1
= 4.7μH, T
A
= -40 to +85°C. Typical values are at T
A
= 25°C.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Input Voltage Range
V
IN
0.7
3.8
V
Minimum Startup Voltage
V
IN-SU
I
OUT
< 1mA, T
A
= 0°C to 85°C
0.85
V
Shutdown Current
I
SHDN
T
A
= 25°C, V
EN
= 0V
0.1
1
μA
Operating Supply Current(1)
I
Q
In PSAVE mode, non-switching, measured at OUT
50
μA
Internal Oscillator Frequency
f
OSC
1.2
MHz
Maximum Duty Cycle
DC
MAX
90
%
Minimum Duty Cycle
DC
MIN
15
%
Output Voltage
V
OUT
V
FB
= 0V
3.3
V
Adjustable Output Voltage Range
V
OUT_RNG
V
OUT
> V
IN
+ 0.3V
1.8
4.0
V
Internal Feedback Reference
Accuracy
V
INT_FB
V
FB
= 0V, (V
OUT
set to 3.3V)
-3
3
%
FB Pin Regulation Voltage
V
FB
1.182
1.200
1.218
V
FB Pin Input Current
I
FB
V
FB
= 1.2V
0.1
μA
Startup Time
t
SU
1ms
P-Channel ON Resistance
R
DSP
V
OUT
= 3.3V
0.6
Ω
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com