Electronic Components Datasheet Search
  English  ▼

X  

SC120 Datasheet(PDF) 15 Page - Semtech Corporation

Part # SC120
Description  Low Voltage Synchronous Boost Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC120 Datasheet(HTML) 15 Page - Semtech Corporation

Back Button SC120 Datasheet HTML 11Page - Semtech Corporation SC120 Datasheet HTML 12Page - Semtech Corporation SC120 Datasheet HTML 13Page - Semtech Corporation SC120 Datasheet HTML 14Page - Semtech Corporation SC120 Datasheet HTML 15Page - Semtech Corporation SC120 Datasheet HTML 16Page - Semtech Corporation SC120 Datasheet HTML 17Page - Semtech Corporation SC120 Datasheet HTML 18Page - Semtech Corporation SC120 Datasheet HTML 19Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
PRELIMINARY
SC120
15
Applications Information (continued)
VOUT
+0.8%
+1.8%
PSAVE Mode at
Moderate Load
PWM Mode at
High Load
-2%
BURST
OFF
(> 5μs)
Higher Load
Applied
0A
Inductor
Current
Time
Prog’d
Voltage
BURST
PWM Mode
PSAVE exit due to
off-time reduction
240mA
OFF
(< 5μs)
Figure 3 — PSAVE Operation With Exit to PWM Due To Off-time < 5μs
V
OUT
< 0.98 × V
REG
, PWM operation will resume. The second
PSAVE exit criterion, illustrated in Figure 3, depends on the
rate of discharge of the output capacitor between PSAVE
bursts. If the time between bursts is less than 5μs, then
PWM operation resumes. The output capacitance value
will affect the second criterion, but not the first. Reducing
the output capacitor will reduce the output load at which
PSAVE mode exits to PWM mode.
Within each on/off cycle of a PSAVE burst, the rate of
decrease of the inductor current during the off-state is
proportional to (V
OUT
− V
IN
). If V
IN
is sufficiently close to V
OUT
,
the decrease in current during the off-state may not over-
come the increase in current during the minimum on-time
of the on-state, approximately 100ns. This can result in
the peak inductor current rising above the PSAVE mode
n-channel FET current limit.
(Normally, when the
n-channel FET current limit is reached, the on-state ends
immediately and the off-state begins. This sets the duty
cycle on a cycle-by-cycle basis.) This inductor current rise
accumulates with each successive cycle in the burst. The
result is that the output load current that can be sup-
ported in PSAVE under this high V
IN
condition will be
greater than occurs if the 240mA current limit can be
enforced. Therefore the PSAVE exit load due to the first
exit criterion (Figure 2) can increase significantly. This
phenomenon is advantageous. Reverting to PWM opera-
tion with high V
IN
can result in V
OUT
rising above V
REG
, due
to the PWM minimum duty cycle. PSAVE operation avoids
this voltage rise because of its voltage-threshold on/off
control. If the load remains low enough to remain in
PSAVE, V
IN
can approach and even slightly exceed V
OUT
. To
initally enter PSAVE mode, the initial startup load must be
small enough to cause discontinuous mode PWM opera-
tion. This PSAVE mode startup load upper limit can be
increased if needed by reducing the inductance (refer to
the section Inductor Selection). Sufficiently large output
capacitance will prevent PSAVE exit due to the second exit
criterion (Figure 3).
PSAVE V
OUT
ripple may increase due to parasitic capaci-
tance on the external FB pin network. If using external
feedback programming, it is prudent to add a small capaci-
tor between OUT and FB to the circuit board layout. When
operating the SC120 in the final configuration in PSAVE,
observe the amplitude of PSAVE ripple. If the ripple
exceeds 50mV for the expected range of input voltage, a
small-value capacitor should be tried. Capacitance on the
order of a few picofarads is often sufficient to bring the
ripple amplitude to approximately 50mV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com