Electronic Components Datasheet Search
  English  ▼

X  

SC120 Datasheet(PDF) 18 Page - Semtech Corporation

Part # SC120
Description  Low Voltage Synchronous Boost Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC120 Datasheet(HTML) 18 Page - Semtech Corporation

Back Button SC120 Datasheet HTML 13Page - Semtech Corporation SC120 Datasheet HTML 14Page - Semtech Corporation SC120 Datasheet HTML 15Page - Semtech Corporation SC120 Datasheet HTML 16Page - Semtech Corporation SC120 Datasheet HTML 17Page - Semtech Corporation SC120 Datasheet HTML 18Page - Semtech Corporation SC120 Datasheet HTML 19Page - Semtech Corporation SC120 Datasheet HTML 20Page - Semtech Corporation SC120 Datasheet HTML 21Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
PRELIMINARY
SC120
18
The programmed value of V
OUT
is constant. I
PSAVE-entry
is a
polynomial function of V
IN
. Equating dI
PSAVE-entry
/dV
IN
= 0
and solving for V
IN
reveals that there is one non-zero extre-
mum of this function, a maximum, at V
IN
= 2/
3
V
OUT
. Applying
this value of V
IN
,
OUT
max
entry
PSAVE
V
27
2
L
T
I
The value of the inductor determines the PSAVE entry
output load current. Evaluate I
PSAVE-entry
at the smallest and
largest expected values of V
IN
. If the input range includes
V
IN
=
2/3 V
OUT
, also determine I
PSAVE-entry-max
. If the largest V
IN
exceeds approximately 90% of V
OUT
, then instead evaluate
PSAVE entry at V
IN
= 0.9V
OUT
. Since PSAVE exit will require
an unusually high output load current at high V
IN
. This was
explained in a previous section, therefore PSAVE entry
under this condition may not be relevant.
The inductor selection should also consider the n-channel
FET current limit for the expected range of input voltage
and output load current. The largest I
L-avg
will occur at the
expected smallest V
IN
and largest I
OUT
. Determine the
largest allowable
ΔI
L
, based on the largest expected I
L-avg
,
the minimum n-channel FET current limit, and the
inductor tolerance. Ensure that in the worst case,
I
L-avg
+
ΔI
L
/2 < I
LIM(N)
.
These calculations include the parameter
η, efficiency.
Efficiency varies with V
IN
, I
OUT
, and temperature. Estimate
η
using the plots provided in this datasheet, or from experi-
mental data, at the operating condition of interest when
computing the effect of a new inductor value on PSAVE
entry and I-limit margin.
Any chosen inductor should have low DCR, compared to
the R
DS-ON
of the FET switches, to maintain efficiency,
though for DCR << R
DS-ON
, further reduction in DCR will
provide diminishing benefit. The inductor I
SAT
value should
exceed the expected I
L-max
. The inductor self-resonant fre-
quency should exceed 5×f
osc
. Any inductor with these
properties should provide satisfactory performance.
Table 1 lists the manufacturers of recommended inductor
options.
Table 1 — Recommended Inductors
Manufacturer/
Part #
Value
(μH)
DCR
(Ω)
Rated
Current
(mA)
Tolerance
(%)
Dimensions
LxWxH
(mm)
Murata
LQH43MN4R7K03L
4.7
0.4
500
10
4.5 x 3.2 x 2.6
Capacitor Selection
Input and output capacitors must be chosen carefully to
ensure that they are of the correct value and rating. The
output capacitor requires a minimum capacitance value
of 10μF at the programmed output voltage to ensure sta-
bility over the full operating range. This must be consid-
ered when choosing small package size capacitors as the
DC bias must be included in their derating to ensure this
required value. For example, a 10μF 0805 capacitor may
provide sufficient capacitance at low output voltages but
may be too low at higher output voltages. Therefore, a
higher capacitance value may be required to provide the
minimum of 10μF at these higher output voltages.
Additional output capacitance may be required for V
IN
close to V
OUT
to reduce ripple in PSAVE mode and to ensure
stability in PWM mode, especially at higher output load
currents.
Low ESR capacitors such as X5R or X7R type ceramic
capacitors are recommended for input bypassing and
output filtering. Low-ESR tantalum capacitors are not rec-
ommended due to possible reduction in capacitance seen
at the switching frequency of the SC120. Ceramic capaci-
tors of type Y5V are not recommended as their tempera-
ture coefficients make them unsuitable for this application.
Table 2 lists the manufacturer of the recommended
capacitor.
Table 2 — Recommended Capacitor
Manufacturer/
Part Number
Value
(μF)
Rated Voltage
(VDC)
Type
Case
Size
Murata
GRM21BR60J226ME39B
22
6.3
X5R
0805
Applications Information (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com