Electronic Components Datasheet Search
  English  ▼

X  

AD5422 Datasheet(PDF) 7 Page - Analog Devices

Part # AD5422
Description  Single Channel, 12-/16-Bit, Serial Input, Current Source and Voltage Output DACs
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5422 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD5422 Datasheet HTML 3Page - Analog Devices AD5422 Datasheet HTML 4Page - Analog Devices AD5422 Datasheet HTML 5Page - Analog Devices AD5422 Datasheet HTML 6Page - Analog Devices AD5422 Datasheet HTML 7Page - Analog Devices AD5422 Datasheet HTML 8Page - Analog Devices AD5422 Datasheet HTML 9Page - Analog Devices AD5422 Datasheet HTML 10Page - Analog Devices AD5422 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
AD5412/AD5422
Rev. A | Page 7 of 40
Parameter1
Min
Typ
Max
Unit
Test Conditions/Comments
AIDD
Outputs unloaded
2.5
3
mA
Outputs disabled
3.4
4
mA
Current output enabled
3.9
4.4
mA
Voltage output enabled
AISS
Outputs unloaded
0.24
0.3
mA
Outputs disabled
0.5
0.6
mA
Current output enabled
1.1
1.4
mA
Voltage output enabled
DICC
1
mA
VIH = DVCC, VIL = GND
Power Dissipation
128
mW
AVDD = 40 V, AVSS = 0 V, outputs unloaded
120
mW
AVDD = +24 V, AVSS = −24 V, outputs
unloaded
1 Temperature range: −40°C to +85°C; typical at +25°C.
2 When the AD5412/AD5422 is powered with AVSS = 0 V, INL for the 0 V to 5 V and 0 V to 10 V ranges is measured beginning from Code 256 for the AD5422 and Code 16
for the AD5412.
3 Guaranteed by design and characterization; not production tested.
4 For 0 mA to 20 mA and 0 mA to 24 mA ranges, INL is measured beginning from Code 256 for the AD5422 and Code 16 for the AD5412.
5 The on-chip reference is production trimmed and tested at 25°C and 85°C. It is characterized from −40°C to +85°C.
AC PERFORMANCE CHARACTERISTICS
AVDD = 10.8 V to 26.4 V, AVSS = −26.4 V to −3 V/0 V, AVDD + |AVSS| < 52.8 V, GND = 0 V, REFIN = +5 V external; DVCC = 2.7 V to 5.5 V.
VOUT: RLOAD = 1 kΩ, CL = 200 pF, IOUT: RLOAD = 350 Ω; all specifications TMIN to TMAX, unless otherwise noted.
Table 3.
Parameter1
Min
Typ
Max
Unit
Test Conditions/Comments
DYNAMIC PERFORMANCE
Voltage Output
Output Voltage Settling Time
25
μs
10 V step to ±0.03 % FSR
32
μs
20 V step to ±0.03 % FSR
18
μs
5 V step to ±0.03 % FSR
8
μs
512 LSB step to ±0.03 % FSR (16-Bit LSB)
Slew Rate
0.8
V/μs
Power-On Glitch Energy
10
nV-sec
Digital-to-Analog Glitch Energy
10
nV-sec
Glitch Impulse Peak Amplitude
20
mV
Digital Feedthrough
1
nV-sec
Output Noise (0.1 Hz to 10 Hz
Bandwidth)
0.1
LSB p-p
16-bit LSB
Output Noise (100 kHz Bandwidth)
200
μV rms
1/f Corner Frequency
1
kHz
Output Noise Spectral Density
150
nV/√Hz
Measured at 10 kHz, midscale output, 10 V range
AC PSRR
−75
dB
200 mV 50 Hz/60 Hz sine wave superimposed on power
supply voltage
Current Output
Output Current Settling Time
10
μs
16 mA step to 0.1% FSR
40
μs
16 mA step to 0.1% FSR, L = 1 mH
AC PSRR
−75
dB
200 mV 50 Hz/60 Hz sine wave superimposed on power
supply voltage
1 Guaranteed by characterization, not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com