Electronic Components Datasheet Search
  English  ▼

X  

AD5422 Datasheet(PDF) 17 Page - Analog Devices

Part # AD5422
Description  Single Channel, 12-/16-Bit, Serial Input, Current Source and Voltage Output DACs
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5422 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD5422 Datasheet HTML 13Page - Analog Devices AD5422 Datasheet HTML 14Page - Analog Devices AD5422 Datasheet HTML 15Page - Analog Devices AD5422 Datasheet HTML 16Page - Analog Devices AD5422 Datasheet HTML 17Page - Analog Devices AD5422 Datasheet HTML 18Page - Analog Devices AD5422 Datasheet HTML 19Page - Analog Devices AD5422 Datasheet HTML 20Page - Analog Devices AD5422 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
AD5412/AD5422
Rev. A | Page 17 of 40
–0.008
–40
–20
0
20
40
60
80
TEMPERATURE (°C)
–0.006
–0.004
–0.002
0.002
0
0.004
0.006
0.008
0.010
0.012
0.014
+5V RANGE
+10V RANGE
±5V RANGE
±10V RANGE
–1.0
–0.8
–0.6
–0.4
–0.2
0.2
0
0.4
0.6
0.8
1.0
10
12
14
16
18
20
22
24
26
28
AVDD/|AVSS| (V)
AVDD = +24V
AVSS = –24V
OUTPUT UNLOADED
TA = 25°C
±10V RANGE
Figure 29. Gain Error vs. Temperature
–1.2
–40
–20
0
20
40
60
80
TEMPERATURE (°C)
–0.7
–0.2
0.3
0.8
1.3
AVDD =+24V
AVSS = –24V
OUTPUT UNLOADED
+5V RANGE
+10V RANGE
±5V RANGE
±10V RANGE
Figure 30. Zero-Scale Error vs. Temperature
–0.0015
–0.0010
–0.0005
0
0.0005
0.0010
0.0015
10
12
14
16
18
20
22
24
26
28
AVDD/|AVSS| (V)
TA =25°C
±10V RANGE
Figure 31. Integral Nonlinearity Error vs. AVDD/|AVSS|
Figure 32. Differential Nonlinearity Error vs. AVDD/|AVSS|
0
0.0005
0.0010
0.0015
0.0020
0.0025
0.0030
0.0035
0.0040
0.0045
0.0050
10
12
14
16
18
20
22
24
26
28
AVDD/|AVSS|(V)
TA = 25°C
±10V RANGE
Figure 33. Total Unadjusted Error vs. AVDD/|AVSS|
–0.05
–20
–15
–10
–5
0
5
10
15
20
SOURCE/SINK CURRENT (mA)
–0.04
–0.03
–0.02
–0.01
0
0.01
0.02
0.03
0.04
0.05
AVDD = +15V
TA =25°C
±10V RANGE
AVSS = –15V
Figure 34. Source and Sink Capability of Output Amplifier,
Full-Scale Code Loaded



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com