Electronic Components Datasheet Search
  English  ▼

X  

AD5422 Datasheet(PDF) 21 Page - Analog Devices

Part # AD5422
Description  Single Channel, 12-/16-Bit, Serial Input, Current Source and Voltage Output DACs
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5422 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD5422 Datasheet HTML 17Page - Analog Devices AD5422 Datasheet HTML 18Page - Analog Devices AD5422 Datasheet HTML 19Page - Analog Devices AD5422 Datasheet HTML 20Page - Analog Devices AD5422 Datasheet HTML 21Page - Analog Devices AD5422 Datasheet HTML 22Page - Analog Devices AD5422 Datasheet HTML 23Page - Analog Devices AD5422 Datasheet HTML 24Page - Analog Devices AD5422 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
AD5412/AD5422
Rev. A | Page 21 of
–0.25
–0.20
–0.15
–0.10
–0.05
0
0.05
0.10
40
–40
–20
0
20
40
60
80
TEMPERATURE (°C)
AVDD = 24V
AVSS = –24V/0V
–0.015
–0.010
–0.005
0
0.005
0.010
0.015
10
15
20
25
30
35
40
AVDD (V)
TA = 25°C
0mA TO 24mA RANGE
AVSS = 0V
4mA TO 20mA INTERNAL RSET
0mA TO 20mA INTERNAL RSET
0mA TO 24mA INTERNAL RSET
4mA TO 20mA EXTERNAL RSET
0mA TO 20mA EXTERNAL RSET
0mA TO 24mA EXTERNAL RSET
Figure 48. Total Unadjusted Error vs. Temperature
–0.25
–0.20
–0.15
–0.10
–0.05
0
0.05
0.10
–40
–20
0
20406080
TEMPERATURE (°C)
4mA TO 20mA INTERNAL RSET
0mA TO 20mA INTERNAL RSET
0mA TO 24mA INTERNAL RSET
4mA TO 20mA EXTERNAL RSET
0mA TO 20mA EXTERNAL RSET
0mA TO 24mA EXTERNAL RSET
AVDD = 24V
AVSS = –24V/0V
Figure 49. Offset Error vs. Temperature
–0.10
–0.08
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
–40
–20
0
20
40
60
80
TEMPERATURE (°C)
AVDD = 24V
AVSS = –24V/0V
4mA TO 20mA INTERNAL RSET
0mA TO 20mA INTERNAL RSET
0mA TO 24mA INTERNAL RSET
4mA TO 20mA EXTERNAL RSET
0mA TO 20mA EXTERNAL RSET
0mA TO 24mA EXTERNAL RSET
Figure 50. Gain Error vs. Temperature
Figure 51. Integral Nonlinearity Error vs. AVDD, External RSET
–0.015
–0.020
–0.010
–0.005
0.005
0.015
0
0.010
0.020
10
15
20
25
30
35
40
AVDD (V)
TA = 25°C
0mA TO 24mA RANGE
AVSS = 0V
Figure 52. Integral Nonlinearity Error vs. AVDD, Internal RSET
–1.0
10
15
20
25
30
35
40
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
TA = 25°C
0mA TO 24mA RANG
AVSS = 0V
AVDD (V)
Figure 53. Differential Nonlinearity Error vs. AVDD, External RSET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com