Electronic Components Datasheet Search
  English  ▼

X  

AD5422 Datasheet(PDF) 18 Page - Analog Devices

Part # AD5422
Description  Single Channel, 12-/16-Bit, Serial Input, Current Source and Voltage Output DACs
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5422 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD5422 Datasheet HTML 14Page - Analog Devices AD5422 Datasheet HTML 15Page - Analog Devices AD5422 Datasheet HTML 16Page - Analog Devices AD5422 Datasheet HTML 17Page - Analog Devices AD5422 Datasheet HTML 18Page - Analog Devices AD5422 Datasheet HTML 19Page - Analog Devices AD5422 Datasheet HTML 20Page - Analog Devices AD5422 Datasheet HTML 21Page - Analog Devices AD5422 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
AD5412/AD5422
Rev. A | Page 18 of 40
–0.05
–0.04
–20
–15
–10
–5
0
5
10
15
20
–0.03
–0.02
–0.01
0
0.01
0.02
0.03
0.04
0.05
–12
–8
–4
0
4
8
12
–10
–5
0
5
10
15
20
25
30
TIME (µs)
SOURCE/SINK CURRENT (mA)
AVDD = +15V
AVSS = –15V
TA = 25°C
±10V RANGE
AVSS = –24V
±10V RANGE
TA = 25°C
OUTPUT UNLOADED
AVDD = +24V
Figure 35. Source and Sink Capability of Output Amplifier,
Zero-Scale Loaded
–12
–10
–5
0
5
10
15
20
25
30
TIME (µs)
–8
–4
0
4
8
12
±10V RANGE
TA = 25°C
OUTPUT UNLOADED
AVSS = –24V
AVDD = +24V
Figure 36. Full-Scale Positive Step
Figure 37. Full-Scale Negative Step
–16
–14
–12
–10
–8
–6
–4
–2
0
2
4
–1
1
3
5
7
9
11
13
15
TIME (µs)
0x8000 TO 0x7FFF
0x7FFF TO 0x8000
AVDD = +24V
TA = 25°C
±10V RANGE
AVSS = –24V
Figure 38. Digital-to-Analog Glitch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com