Electronic Components Datasheet Search
  English  ▼

X  

AD5422 Datasheet(PDF) 12 Page - Analog Devices

Part # AD5422
Description  Single Channel, 12-/16-Bit, Serial Input, Current Source and Voltage Output DACs
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5422 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD5422 Datasheet HTML 8Page - Analog Devices AD5422 Datasheet HTML 9Page - Analog Devices AD5422 Datasheet HTML 10Page - Analog Devices AD5422 Datasheet HTML 11Page - Analog Devices AD5422 Datasheet HTML 12Page - Analog Devices AD5422 Datasheet HTML 13Page - Analog Devices AD5422 Datasheet HTML 14Page - Analog Devices AD5422 Datasheet HTML 15Page - Analog Devices AD5422 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
AD5412/AD5422
Rev. A | Page 12 of 40
Pin No.
Mnemonic
Description
TSSOP
LFCSP
16
23
DVCC
SELECT
When connected to GND, this pin disables the internal supply, and an external supply
must be connected to the DVCC pin. Leave this pin unconnected to enable the internal
supply. See the AD5412/AD5422 Features section.
17
24
CCOMP
Optional compensation capacitor connection for the voltage output buffer. Connecting
a 4 nF capacitor between this pin and the VOUT pin allows the voltage output to drive up
to 1 μF. It should be noted that the addition of this capacitor reduces the bandwidth of
the output amplifier, increasing the settling time.
19
26
IOUT
Current Output Pin.
20
27
BOOST
Optional External Transistor Connection. Connecting an external transistor reduces the
power dissipated in the AD5412/AD5422. See theAD5412/AD5422 Features section.
N/A
28, 29
CAP1, CAP2
Connection for Optional Output Filtering Capacitor. See the AD5412/AD5422 Features
section.
21
32
VOUT
Buffered Analog Output Voltage. The output amplifier is capable of directly driving a
1 kΩ, 2000 pF load.
22
33
+VSENSE
Sense connection for the positive voltage output load connection.
23
34
−VSENSE
Sense connection for the negative voltage output load connection.
24
36
AVDD
Positive Analog Supply Pin. Voltage ranges from 10.8 V to 60 V.
25 (EPAD)
41 (EPAD)
Exposed
paddle
Negative Analog Supply Pin. Voltage ranges from –3 V to –24 V. This paddle can be
connected to 0 V if the output voltage range is unipolar. The paddle can be left
electrically unconnected provided that a supply connection is made at the AVSS pin. It is
recommended that the paddle be thermally connected to a copper plane for enhanced
thermal performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com