Electronic Components Datasheet Search
  English  ▼

X  

AD5422 Datasheet(PDF) 33 Page - Analog Devices

Part # AD5422
Description  Single Channel, 12-/16-Bit, Serial Input, Current Source and Voltage Output DACs
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5422 Datasheet(HTML) 33 Page - Analog Devices

Back Button AD5422 Datasheet HTML 29Page - Analog Devices AD5422 Datasheet HTML 30Page - Analog Devices AD5422 Datasheet HTML 31Page - Analog Devices AD5422 Datasheet HTML 32Page - Analog Devices AD5422 Datasheet HTML 33Page - Analog Devices AD5422 Datasheet HTML 34Page - Analog Devices AD5422 Datasheet HTML 35Page - Analog Devices AD5422 Datasheet HTML 36Page - Analog Devices AD5422 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
AD5412/AD5422
Rev. A | Page 33 of
AD5410/AD5420 registers. The update clock frequency for any
given value is the same for all output ranges. The step size,
however, varies across output ranges for a given value of step
size because the LSB size is different for each output range.
Table 24 shows the range of programmable slew times for a full-
scale change on any of the output ranges. The values in Table 24
were obtained using Equation 1.
40
The digital slew rate control feature results in a staircase
formation on the current output, as shown in Figure 72. This
figure also shows how the staircase can be removed by
connecting capacitors to the CAP1 and CAP2 pins, as described
in the IOUT Filtering Capacitors (LFCSP Package) section.
0
–10
0
10
20
30
40
50
60
70
80
90
100 110
TIME (ms)
5
10
15
20
25
TA = 25°C
AVDD = 24V
RLOAD = 300Ω
10ms RAMP, SR CLOCK = 0x1, SR STEP = 0x5
50ms RAMP, SR CLOCK = 0xA, SR STEP = 0x7
100ms RAMP, SR CLOCK = 0x8, SR STEP = 0x5
Figure 68. Output Current Slewing Under Control of the Digital Slew Rate
Control Feature
IOUT FILTERING CAPACITORS (LFCSP PACKAGE)
Capacitors can be placed between CAP1 and AVDD, and CAP2
and AVDD, as shown in Figure 69.
CAP1
AVDD
C1
C2
AVDD
AD5412/
AD5422 CAP2
GND
IOUT
Figure 69. IOUT Filtering Capacitors
The CAP1 and CAP2 pins are available only on the LFCSP
package. The capacitors form a filter on the current output
circuitry, as shown in Figure 70, reducing the bandwidth and
the slew rate of the output current. Figure 71 shows the effect
the capacitors have on the slew rate of the output current. To
achieve significant reductions in the rate of change, very large
capacitor values are required, which may not be suitable in
some applications. In this case, the digital slew rate control
feature can be used. The capacitors can be used in conjunction
with the digital slew rate control feature as a means of
smoothing out the steps caused by the digital code increments,
as shown in Figure 72.
IOUT
BOOST
CAP1
CAP2
C1
R1
C2
AVDD
4kΩ
12.5kΩ
40Ω
DAC
Figure 70. IOUT Filter Circuitry
0
5
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
10
15
20
25
TIME (ms)
TA = 25°C
AVDD =24V
RLOAD =300Ω
NO CAPACITOR
10nF ON CAP1
10nF ON CAP2
47nF ON CAP1
47nF ON CAP2
Figure 71. Slew Controlled 4 mA to 20 mA Output Current Step Using
External Capacitors on the CAP1 and CAP2 Pins
6.1
6.2
6.3
6.4
6.5
6.6
6.7
6.8
–1
012
3456
78
TIME (ms)
TA = 25°C
AVDD = 24V
RLOAD = 300Ω
NO EXTERNAL CAPS
10nF ON CAP1
10nF ON CAP2
Figure 72. Smoothing Out the Steps Caused by the Digital Slew
Rate Control Feature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com