Electronic Components Datasheet Search
  English  ▼

X  

AD5422 Datasheet(PDF) 20 Page - Analog Devices

Part # AD5422
Description  Single Channel, 12-/16-Bit, Serial Input, Current Source and Voltage Output DACs
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5422 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD5422 Datasheet HTML 16Page - Analog Devices AD5422 Datasheet HTML 17Page - Analog Devices AD5422 Datasheet HTML 18Page - Analog Devices AD5422 Datasheet HTML 19Page - Analog Devices AD5422 Datasheet HTML 20Page - Analog Devices AD5422 Datasheet HTML 21Page - Analog Devices AD5422 Datasheet HTML 22Page - Analog Devices AD5422 Datasheet HTML 23Page - Analog Devices AD5422 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
AD5412/AD5422
Rev. A | Page 20 of 40
CURRENT OUTPUT
–0.010
–0.008
–0.006
–0.004
–0.002
0
0.002
0.004
0
10,000
20,000
30,000
40,000
50,000
60,000
CODE
AVDD = 24V
AVSS = –24V/0V
TA = 25°C
RLOAD = 250Ω
–0.010
–0.008
–0.006
–0.004
0
–0.002
0.002
0.004
–40
–20
0
20
40
60
80
TEMPERATURE (°C)
EXTERNAL RSET
INTERNAL RSET
EXTERNAL RSET, BOOST TRANSISTOR
INTERNAL RSET, BOOST TRANSISTOR
Figure 42. Integral Nonlinearity vs. Code
–1.0
–0.8
–0.6
–0.2
–0.4
0
0.2
0.4
0.6
0.8
1.0
0mA TO 24mA RANGE
AVDD = 24V
AVSS = –24V/0V
Figure 45. Integral Nonlinearity vs. Temperature, Internal RSET
–0.003
–0.002
–0.001
0
0.002
0.001
0.003
–40
–20
0
20
40
60
80
TEMPERATURE (°C)
0
10,000
20,000
30,000
40,000
50,000
60,000
CODE
0mA TO 24mA RANGE
AVDD = 24V
AVSS = –24V/0V
AVDD = 24V
AVSS = –24V/0V
TA = 25°C
RLOAD = 250Ω
EXTERNAL RSET
INTERNAL RSET
EXTERNAL RSET, BOOST TRANSISTOR
INTERNAL RSET, BOOST TRANSISTOR
Figure 43. Differential Nonlinearity vs. Code
–0.15
–0.13
–0.11
–0.09
–0.07
–0.05
–0.03
0.01
0.05
–0.01
0.03
Figure 46. Integral Nonlinearity vs. Temperature, External RSET
0
10,000
20,000
30,000
40,000
50,000
60,000
CODE
EXTERNAL RSET
INTERNAL RSET
EXTERNAL RSET, BOOST TRANSISTOR
INTERNAL RSET, BOOST TRANSISTOR
AVDD = 24V
AVSS = –24V/0V
TA = 25°C
RLOAD = 250Ω
Figure 44. Total Unadjusted Error vs. Code
–1.0
–0.8
–0.6
–0.4
0
–0.2
0.4
0.8
0.2
0.6
1.0
–40
–20
0
20
40
60
80
TEMPERATURE (°C)
AVDD = 24V
AVSS = –24V/0V
ALL RANGES
INTERNAL AND EXTERNAL RSET
Figure 47. Differential Nonlinearity vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com