Electronic Components Datasheet Search
  English  ▼

X  

ADIS16220CCCZ Datasheet(PDF) 3 Page - Analog Devices

Part # ADIS16220CCCZ
Description  Programmable Digital Vibration Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16220CCCZ Datasheet(HTML) 3 Page - Analog Devices

  ADIS16220CCCZ Datasheet HTML 1Page - Analog Devices ADIS16220CCCZ Datasheet HTML 2Page - Analog Devices ADIS16220CCCZ Datasheet HTML 3Page - Analog Devices ADIS16220CCCZ Datasheet HTML 4Page - Analog Devices ADIS16220CCCZ Datasheet HTML 5Page - Analog Devices ADIS16220CCCZ Datasheet HTML 6Page - Analog Devices ADIS16220CCCZ Datasheet HTML 7Page - Analog Devices ADIS16220CCCZ Datasheet HTML 8Page - Analog Devices ADIS16220CCCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Preliminary Technical Data
ADIS16220
Rev. PrE | Page 3 of 16
SPECIFICATIONS
TA = −40°C to +125°C, VDD = 3.3 V, ±1 g, unless otherwise noted.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
ACCELEROMETER
Measurement range
TA = 25°C
−70
+70
g
Sensitivity
TA = 25°C
19.073
mg/LSB
Sensitivity Error
TA = 25°C
±5
%
Sensitivity Temperature Coefficient
±310
ppm/°C
Nonlinearity
With respect to full scale
±0.2
±2
%
Cross-Axis Sensitivity
±2
%
Alignment Error
With respect to package
±1
Degree
Offset Error
TA = 25°C
−19.1
+19.1
g
Offset Temperature Coefficient
±5
mg/°C
Output Noise
TA = 25°C, AVG_CNT = 0x0000
507
mg rms
Output Noise Density
TA = 25°C, 10 Hz to 1 kHz
4
mg/√Hz
Sensor Resonant Frequency
22
kHz
Self-Test Response
917
1310
1703
LSB
AUXILIARY INPUTS (AIN1, AIN2)
Resolution1
12
Bits
Sensitivity
305.18
μV/LSB
Integral Nonlinearity
2.4
LSB
Differential Nonlinearity
4
LSB
Offset
VDD/2
V
Offset Error
±20.4
LSB
Input Range
0
VDD
V
Input Capacitance
20
pF
ON-CHIP VOLTAGE REFEERENCE
Output Level
2.5
V
Accuracy
±5
mV
Temperature Coefficient
±40
ppm/°C
Output Impedance
70
Ω
LOGIC INPUTS2
Input High Voltage, VINH
2.0
V
Input Low Voltage, VINL
0.8
V
Logic 1 Input Current, IINH
VIH = 3.3 V
±0.2
±1
μA
Logic 0 Input Current, IINL
VIL = 0 V
All Except RST
−40
−60
μA
RST
−1
mA
Input Capacitance, CIN
10
pF
DIGITAL OUTPUTS2
Output High Voltage, VOH
ISOURCE = 1.6 mA
2.4
V
Output Low Voltage, VOL
ISINK = 1.6 mA
0.4
V
FLASH MEMORY
Endurance3
10,000
Cycles
Data Retention4
TJ = 85°C
10
Years
START-UP TIME5
Initial Startup
160
ms
Reset Recovery (RST)
RST or software (GLOB_CMD)
23
ms
Sleep Mode Recovery
2.3
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com