Electronic Components Datasheet Search
  English  ▼

X  

ADIS16220CCCZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADIS16220CCCZ
Description  Programmable Digital Vibration Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16220CCCZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADIS16220CCCZ Datasheet HTML 3Page - Analog Devices ADIS16220CCCZ Datasheet HTML 4Page - Analog Devices ADIS16220CCCZ Datasheet HTML 5Page - Analog Devices ADIS16220CCCZ Datasheet HTML 6Page - Analog Devices ADIS16220CCCZ Datasheet HTML 7Page - Analog Devices ADIS16220CCCZ Datasheet HTML 8Page - Analog Devices ADIS16220CCCZ Datasheet HTML 9Page - Analog Devices ADIS16220CCCZ Datasheet HTML 10Page - Analog Devices ADIS16220CCCZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Preliminary Technical Data
ADIS16220
Rev. PrE | Page 7 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
AIN2
NC
NC
RST
SCLK
DOUT
DIN
A
CS
ADIS16220
TOP
LOOK THROUGH
VIEW
(Not to Scale)
16
15
14
13
5
6
7
8
PIN 1
INDICATOR
NOTES
1. NC = NO CONNECT.
2. THIS IS NOT AN ACTUAL TOP VIEW, BECAUSE THE PINS ARE NOT VISIBLE FROM THE TOP. THIS IS
A LAYOUT VIEW THAT REPRESENTS THE PIN CONFIGURATION IF THE PACKAGE IS LOOKED
THROUGH FROM THE TOP. THIS CONFIGURATION IS PROVIDED FOR PCB LAYOUT PURPOSES.
Figure 4. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Type1
Description
1
SCLK
I
SPI, Serial Clock.
2
DOUT
O2
SPI, Data Output.
3
DIN
I
SPI, Data Input.
4
CS
I
SPI, Chip Select.
5, 6
DIO1, DIO2
I/O
Digital Input/Output Pins.
7, 8, 10, 11
NC
N/A
No Connect.
9
RST
I
Reset, Active Low.
12
AIN2
I
Analog Input Channel 2.
13
VDD
S
Power Supply, 3.3 V.
14
AIN1
I
Analog Input Channel 1.
15
VREF
O
Voltage Reference for AIN1 and AIN2.
16
GND
S
Ground.
1 S = supply; O = output; I = input; I/O = input/output.
2 DOUT is an output when CS is low. When CS is high, DOUT is in a three-state, high impedance mode.
RECOMMENDED PAD LAYOUT
0.670
12×
1.127
16×
4.1865
8×
2.6955
8×
5.391
4×
8.373
2×
0.500
16×
9.2mm × 9.2mm STACKED LGA PACKAGE
Figure 5. Recommended of a Pad Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com