Electronic Components Datasheet Search
  English  ▼

X  

ADIS16220CCCZ Datasheet(PDF) 5 Page - Analog Devices

Part # ADIS16220CCCZ
Description  Programmable Digital Vibration Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16220CCCZ Datasheet(HTML) 5 Page - Analog Devices

  ADIS16220CCCZ Datasheet HTML 1Page - Analog Devices ADIS16220CCCZ Datasheet HTML 2Page - Analog Devices ADIS16220CCCZ Datasheet HTML 3Page - Analog Devices ADIS16220CCCZ Datasheet HTML 4Page - Analog Devices ADIS16220CCCZ Datasheet HTML 5Page - Analog Devices ADIS16220CCCZ Datasheet HTML 6Page - Analog Devices ADIS16220CCCZ Datasheet HTML 7Page - Analog Devices ADIS16220CCCZ Datasheet HTML 8Page - Analog Devices ADIS16220CCCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Preliminary Technical Data
ADIS16220
Rev. PrE | Page 5 of 16
TIMING SPECIFICATIONS
TA = 25°C, VDD = 3.3 V, unless otherwise noted.
Table 2.
Parameter
Description
Min1
Typ
Max
Unit
fSCLK
SCLK frequency
0.01
2.25
MHz
tSTALL
Stall period between data, between 16th and 17th SCLK
15.4
μs
tCS
Chip select to SCLK edge
48.8
ns
tDAV
DOUT valid after SCLK edge
100
ns
tDSU
DIN setup time before SCLK rising edge
24.4
ns
tDHD
DIN hold time after SCLK rising edge
48.8
ns
tSCLKR, tSCLKF
SCLK rise/fall times
5
12.5
ns
tSR
SCLK high pulse width
12.5
ns
tSF
SCLK low pulse width
12.5
ns
tDF, tDR
DOUT rise/fall times
5
12.5
ns
tSFS
CS high after SCLK edge
5
ns
1 Guaranteed by design, not tested.
TIMING DIAGRAMS
CS
SCLK
DOUT
DIN
1
2
3
4
5
6
15
16
W/R
A5
A6
A4
A3
A2
D2
MSB
DB14
D1
LSB
DB13
DB12
DB10
DB11
DB2
LSB
DB1
tCS
tSFS
tDAV
tSR
tSF
tDHD
tDSU
Figure 2. SPI Timing and Sequence
CS
SCLK
tSTALL
Figure 3. DIN Bit Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com