Electronic Components Datasheet Search
  English  ▼

X  

ADIS16220CCCZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADIS16220CCCZ
Description  Programmable Digital Vibration Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16220CCCZ Datasheet(HTML) 1 Page - Analog Devices

  ADIS16220CCCZ Datasheet HTML 1Page - Analog Devices ADIS16220CCCZ Datasheet HTML 2Page - Analog Devices ADIS16220CCCZ Datasheet HTML 3Page - Analog Devices ADIS16220CCCZ Datasheet HTML 4Page - Analog Devices ADIS16220CCCZ Datasheet HTML 5Page - Analog Devices ADIS16220CCCZ Datasheet HTML 6Page - Analog Devices ADIS16220CCCZ Datasheet HTML 7Page - Analog Devices ADIS16220CCCZ Datasheet HTML 8Page - Analog Devices ADIS16220CCCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Programmable
Digital Vibration Sensor
Preliminary Technical Data
ADIS16220
Rev. PrE
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2009 Analog Devices, Inc. All rights reserved.
FEATURES
Digital ±70 g accelerometer/vibration sensing
22 kHz sensor resonance
100.2 kSPS sample rate
SPI-compatible serial interface
Programmable data capture function:
3 channels, 1024 samples each
1 accelerometer/2 auxiliary ADCs (AIN1, AIN2)
Manual trigger for user initiation
Automatic trigger for periodic data capture
Conditional trigger for condition-driven capture
Digital temperature sensor output
Digitally controlled sample rate
Digitally controlled frequency response
2 auxiliary digital I/Os
Digitally activated self-test
Digitally activated low power mode
Serial number and device ID
Single-supply operation: 3.15 V to 3.6 V
Operating temperature range: −40°C to +125°C
9.2 mm × 9.2 mm 16-terminal LGA
APPLICATIONS
Vibration analysis
Shock detection and event capture
Condition monitoring
Machine health
Instrumentation, diagnostics
Safety, shut-off sensing
Security sensing, tamper detection
GENERAL DESCRIPTION
The ADIS16220 iSensor® is a digital vibration sensor that com-
bines industry-leading iMEMS® sensing technology with a signal
processor. It provides a buffer memory for high speed data capture,
along with a convenient serial interface for data collection and
configuration. The 22 kHz sensor resonance and 100.2 kSPS
sample rate provide adequate response for most machine-health
applications. The averaging/decimating filter provides
optimization for lower bandwidth applications.
An internal clock drives the data sampling system, which fills
the buffer memory for user access. The data capture function
has three different trigger modes. The automatic data collection
allows for periodic wake-up and capture, based on a programma-
ble duty cycle. The manual data capture mode allows the user to
initiate a data capture, providing power and read-rate optimiza-
tion. The event capture mode continuously updates the buffers
and monitors them for a preset trigger condition. This mode
captures pre-event data and post-event data and produces an
alarm indicator for driving an interrupt.
The serial peripheral interface (SPI) and data buffer structure
provide convenient access to wide-bandwidth sensor data. The
ADIS16220 also offers a digital temperature sensor, digital
power supply measurements, and peak output capture.
The ADIS16220 comes in a 9.2 mm × 9.2 mm × 3.9 mm LGA
package that meets the Pb-free solder reflow profile require-
ments per JEDEC J-STD-020 and has an extended operating
temperature range of −40°C to +125°C.
FUNCTION BLOCK DIAGRAM
CAPTURE
BUFFER
ADIS16220
FILTER
ALARMS
I/O
SELF-TEST
USER
CONTROL
REGISTERS
SPI
PORT
OUTPUT
DATA
REGISTERS
CONTROLLER
CLOCK
MEMS
SENSOR
TEMP
SENSOR
POWER
MANAGEMENT
CS
SCLK
DIN
DOUT
GND
VDD
RST
DIO1
DIO2
AIN1
AIN2
VREF
Figure 1.


Similar Part No. - ADIS16220CCCZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16220CCCZ AD-ADIS16220CCCZ Datasheet
247Kb / 20P
Programmable Digital Vibration Sensor
REV. 0
More results

Similar Description - ADIS16220CCCZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16220 AD-ADIS16220_09 Datasheet
247Kb / 20P
Programmable Digital Vibration Sensor
REV. 0
ADIS16228 AD-ADIS16228 Datasheet
747Kb / 28P
Digital Triaxial Vibration Sensor
REV. B
logo
Pepperl+Fuchs Inc.
VIM32PL-E1V16-0RE-I421V14 PF-VIM32PL-E1V16-0RE-I421V14 Datasheet
1Mb / 4P
Vibration sensor
2022-12-05
VIM62PL-E0G10-0ME-I420K24 PF-VIM62PL-E0G10-0ME-I420K24 Datasheet
882Kb / 3P
Vibration sensor
2022-12-01
VIM62PL-E0T16-0ME-I420V14 PF-VIM62PL-E0T16-0ME-I420V14 Datasheet
1Mb / 3P
Vibration sensor
2022-12-05
VIM62PL-E1T16-0ME-I420V14 PF-VIM62PL-E1T16-0ME-I420V14 Datasheet
1Mb / 3P
Vibration sensor
2022-12-05
VIM62PL-E1V16-0ME-I420V14 PF-VIM62PL-E1V16-0ME-I420V14 Datasheet
1Mb / 3P
Vibration sensor
2022-12-05
VIM62PP-E1V16-0NE-I420KA4 PF-VIM62PP-E1V16-0NE-I420KA4 Datasheet
904Kb / 3P
Vibration sensor
2022-12-01
VIM82PU-S1V16-2AE-I422C28 PF-VIM82PU-S1V16-2AE-I422C28 Datasheet
973Kb / 4P
Vibration sensor
2022-12-01
logo
Knowles Electronics
V2S200D KNOWLES-V2S200D Datasheet
3Mb / 12P
MULTIMODE DIGITAL VIBRATION SENSOR
Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com