Electronic Components Datasheet Search
  English  ▼

X  

ADIS16220CCCZ Datasheet(PDF) 14 Page - Analog Devices

Part # ADIS16220CCCZ
Description  Programmable Digital Vibration Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16220CCCZ Datasheet(HTML) 14 Page - Analog Devices

Back Button ADIS16220CCCZ Datasheet HTML 8Page - Analog Devices ADIS16220CCCZ Datasheet HTML 9Page - Analog Devices ADIS16220CCCZ Datasheet HTML 10Page - Analog Devices ADIS16220CCCZ Datasheet HTML 11Page - Analog Devices ADIS16220CCCZ Datasheet HTML 12Page - Analog Devices ADIS16220CCCZ Datasheet HTML 13Page - Analog Devices ADIS16220CCCZ Datasheet HTML 14Page - Analog Devices ADIS16220CCCZ Datasheet HTML 15Page - Analog Devices ADIS16220CCCZ Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
ADIS16220
Preliminary Technical Data
Rev. PrE | Page 14 of 16
Table 26. GPIO_CTRL Bit Descriptions
Bit
Description (Default = 0x0000)
[15:10]
Not used
[9]
General-Purpose I/O Line 2 data level
[8]
General-Purpose I/O Line 1 data level
[7:2]
Not used
[1]
General-Purpose I/O Line 2, data direction control
1 = output, 0 = input
[0]
General-Purpose I/O Line 1, data direction control
1 = output, 0 = input
DIAGNOSTICS
In all of the error flags in DIAG_STAT, a 1 identifies an error
condition while a 0 signals normal operation. All of the flags
remain until the next capture or reset command (GLOB_CMD[4]
= 1). DIAG_STAT[1:0] return to 1 after the next sample (or
capture) if the error conditions still exist. DIAG_STAT[14:12]
provide flags to check the source of an event capture, prior to
reading the entire capture buffer. DIAG_STAT[10:8] offers flags
that check the peak values in the capture against the conditions
in the ALM_CTRL and ALM_MAGx registers. The flash test
produces an error flag in DIAG_STAT[6] to check if the sum of
the internal operating memory matches the sum of the same
flash memory locations. The capture period violation flag
(DIAG_STAT[4]) rises to 1 when the user attempts to use the
SPI while a capture sequence is in progress. Using the DIO1 line
in the factory default configuration as a busy indicator can help
prevent this violation. The SPI communication flag in
DIAG_STAT[3] raises to a Logic 1 when the total number of
SCLK clocks is not a multiple of 16 during a SPI transfer.
Table 27. DIAG_STAT Bit Descriptions
Bit
Description (Default = 0x0000)
[15]
Not used
[14]
AIN2 sample > ALM_MAG2
[13]
AIN1 sample > ALM_MAG1
[12]
Acceleration sample > ALM_MAGA
[11]
Error condition programmed into ALM_MAGS[11:0] and
ALM_CTRL[5:4] is true
[10]
Peak value in AIN2 data capture > ALM_MAG2
[9]
Peak value in AIN1 data capture > ALM_MAG1
[8]
Peak value in acceleration data capture > ALM_MAGA
[7]
Data ready, capture complete
[6]
Flash test, checksum flag
[5]
Self-test diagnostic error flag
[4]
Capture period violation/interruption
[3]
SPI communications failure
[2]
Flash update failure
[1]
Power supply above 3.625 V
[0]
Power supply below 3.15 V
Self-Test
The internal MEMS sensing element has an electrostatic self-
test function that simulates the physical displacement associated
with an acceleration event. There are two options for using this
feature to verify the integrity of the entire sensor signal chain. Set
GLOB_CMD[2] = 1 to execute an automatic self-test sequence,
which exercises the sensing element, observes the change in
output, records it into ST_DELTA, compares it with the acceptable
self-test response range in Table 1, and reports the pass/fail
result in DIAG_STAT[5].
Another option is to set MSC_CTRL[8] = 1 to manually
activate the sensing element. Then execute a manual capture,
which reflects the response associated with the self-test setting.
Table 28. MSC_CTRL Bit Descriptions
Bit
Description (Default = 0x0003)
[15:9]
Not used
[8]
Self-test enable, set to 1 to activate,
(returns to 0 when complete)
[7:2]
Not used
[1]
Power supply compensation, AIN1
1 = enable, 0 = disable
[0]
Power supply compensation, AIN2
1 = enable, 0 = disable
MSC_CTRL[1:0] provides an option for reducing the sensitivity
dependence on power supply for ratiometric sensors, such as
the ADXL001.
Table 29. ST_DELTA Bit Descriptions
Bit
Description
[15:0]
Acceleration data, twos complement, 19.073 mg/LSB
Table 30. FLASH_CNT Bit Descriptions
Bit
Description
[15:0]
Binary counter for writing to flash memory
SERIALIZATION
LOT_ID1 and LOT_ID2 combine to provide a unique lot code
that is 24 bits in length. SERIAL_NUM provides a unique serial
number for each device within a given lot.
Table 31. LOT_ID1 Bit Descriptions
Bit
Description
[15:8]
Lot identification code, least significant byte
[7:0]
Reserved for internal use, do not use
Table 32. LOT_ID2 Bit Descriptions
Bit
Description
[15:0]
Lot identification code, most significant bytes
Table 33. SERIAL_NUM Bit Descriptions
Bit
Description
[15:0]
Serial number, lot-specific



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com