Electronic Components Datasheet Search
  English  ▼

X  

ADIS16220CCCZ Datasheet(PDF) 13 Page - Analog Devices

Part # ADIS16220CCCZ
Description  Programmable Digital Vibration Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16220CCCZ Datasheet(HTML) 13 Page - Analog Devices

Back Button ADIS16220CCCZ Datasheet HTML 8Page - Analog Devices ADIS16220CCCZ Datasheet HTML 9Page - Analog Devices ADIS16220CCCZ Datasheet HTML 10Page - Analog Devices ADIS16220CCCZ Datasheet HTML 11Page - Analog Devices ADIS16220CCCZ Datasheet HTML 12Page - Analog Devices ADIS16220CCCZ Datasheet HTML 13Page - Analog Devices ADIS16220CCCZ Datasheet HTML 14Page - Analog Devices ADIS16220CCCZ Datasheet HTML 15Page - Analog Devices ADIS16220CCCZ Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Preliminary Technical Data
ADIS16220
Rev. PrE | Page 13 of 16
Table 21. GLOB_CMD Bit Descriptions
Bit
Description
Execution Time1
[15:14]
Not used
N/A
[13]
Restore capture data and settings
from flash memory
0.88 ms (no capture)
6.91 ms (with capture)
[12]
Copy capture data and settings to
flash memory
350 ms (no capture)
502 (with capture)
[11]
Capture mode start/stop
N/A
[10]
Set CAPT_PNTR = 0x0000
0.037 ms
[9]
Not used
N/A
[8]
Clear capture buffers
0.84 ms
[7]
Software reset
22.7 ms
[6]
Not used
N/A
[5]
Flash test, compare sum of flash
memory with the sum of SRAM
10.5 ms
[4]
Clear DIAG_STAT register
0.035 ms
[3]
Factory setting restore
335 ms
[2]
Self-test
12 ms
[1]
Power-down, requires toggling CS
low to wake up
N/A
[0]
Autonull
678 ms
1 This indicates the typical duration of time between the command write and
the device returning to normal operation.
FILTERING
The ADIS16220 provides an averaging/decimation filter for
lower bandwidth applications that may value finer frequency
resolution using the 1024-sample capture buffer.
MEMS
SENSOR
AVERAGING
FILTER
N
+
TO
CAPTURE
MEMORY
AND
OUTPUT
REGISTERS
OFFSET
NULL
REGISTER
÷ N
ADC
Figure 15. Simplified Signal Processing Flowchart
AVG_CNT[3:0] controls the averaging/decimating filter
structure in binomial steps, starting with 1 and ending with
1024. For example, set AVG_CNT[7:0] = 0x08 (DIN = 0xB608)
to select 256 averages and a decimation rate of 1/256. Note that
the decrease in sample time impacts the total capture time (TC):
AVG_CNT[7:0] = 0x08 = 8, N = 28 = 256 averages
Table 22. AVG_CNT Bit Descriptions
Bit
Description (Default = 0x0000)
[15:4]
Not used
[3:0]
Power-of-two setting for number of averages, binary
OFFSET ADJUSTMENT
The ACCL_NULL, AIN1_NULL and AIN2_NULL registers
provide a bias adjustment function. For example, setting
ACCL_NULL = 0x009C (DIN = 0x829C) increases the accelera-
tion bias by 156 LSB (3 g). Set GLOB_CMD[0] = 1 (DIN =
0x3E01) to execute the autonull function, which loads the
offset registers with a value derived from a 678 ms average of
the acceleration data.
Table 23. ACCL_NULL Bit Descriptions
Bit
Description (Default = 0x0000)
[15:0]
Data bits, twos complement, 19.073 mg/LSB
sensitivity. See Figure 15 for impact on output.
Range = +8191/−8192 LSBs
Table 24. AIN1_NULL, AIN2_NULL Bit Descriptions
Bit
Description (Default = 0x0000)
[15:0]
Data bits, twos complement, 305.18 μV/LSB
sensitivity. Signal path is similar to Figure 15.
Range = +8191/−8192 LSBs
INPUT/OUTPUT FUNCTIONS
DIO1 and DIO2 are configurable as I/O lines that serve mul-
tiple purposes. The following register priority governs their
operation: DIO_CTRL, then GPIO_CTRL. The DIO_CTRL
register has four application-specific configuration options for
each signal. The capture trigger input option works in conjunction
with the manual capture mode and provides a hardware option
for driving a data capture event. When enabled, this function
searches for a positive pulse and the capture starts on the falling
edge of this pulse. The busy indicator output is active during
capture events and can help prevent undesirable interruptions.
For example, set DIO_CTRL[5:0] = 101111 (DIN = 0xB62F) to
establish DIO2 as a capture trigger input and keep DIO1 as a
positive polarity, busy indicator output. Using the busy indicator
as an interrupt driver enables the master processor to gather
capture data as soon as it is available, without having to poll
inputs or estimate execution times. The alarm indicator output
is active when the trigger set by ALM_CTRL and ALM_MAGx
activates. When configured as general-purpose lines, the
GPIO_CTRL register configures DIO1 and DIO2. For example,
set GPIO_CTRL = 0x0103 (DIN = 0xB203, then 0xB301) to set
DIO1 and DIO2 as outputs, with DIO1 in a 1 state and DIO2 in
a 0 state.
Table 25. DIO_CTRL Bit Descriptions
Bit
Description (Default = 0x000F)
[15:6]
Not used
[5:4]
DIO2 function selection
00 = general-purpose I/O (use GPIO_CTRL)
01 = alarm indicator output (per ALM_CTRL)
10 = capture trigger inputs
11 = busy indicator output
[3:2]
DIO1 function selection
00 = general-purpose I/O (use GPIO_CTRL)
01 = alarm indicator output (per ALM_CTRL)
10 = capture trigger inputs
11 = busy indicator output
[1]
DIO2 line polarity, If [5:4] = 00, see GPIO_CTRL
1 = active high
0 = active low
[0]
DIO1 line polarity, If [3:2] = 00, see GPIO_CTRL
1 = active high
0 = active low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com