Electronic Components Datasheet Search
  English  ▼

X  

ADIS16220CCCZ Datasheet(PDF) 4 Page - Analog Devices

Part # ADIS16220CCCZ
Description  Programmable Digital Vibration Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16220CCCZ Datasheet(HTML) 4 Page - Analog Devices

  ADIS16220CCCZ Datasheet HTML 1Page - Analog Devices ADIS16220CCCZ Datasheet HTML 2Page - Analog Devices ADIS16220CCCZ Datasheet HTML 3Page - Analog Devices ADIS16220CCCZ Datasheet HTML 4Page - Analog Devices ADIS16220CCCZ Datasheet HTML 5Page - Analog Devices ADIS16220CCCZ Datasheet HTML 6Page - Analog Devices ADIS16220CCCZ Datasheet HTML 7Page - Analog Devices ADIS16220CCCZ Datasheet HTML 8Page - Analog Devices ADIS16220CCCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADIS16220
Preliminary Technical Data
Rev. PrE | Page 4 of 16
Parameter
Conditions
Min
Typ
Max
Unit
CONVERSION RATE
AVG_CNT = 0x0000
100.2
kSPS
Clock Accuracy
3
%
POWER SUPPLY
Operating voltage range, VDD
3.15
3.3
3.6
V
Power Supply Current
Capture mode, TA = 25°C
38
46
mA
Sleep mode, TA = 25°C
230
μA
Sleep mode, TA = 85°C
250
400
μA
Sleep mode, TA = 125°C
600
1000
μA
1 A 12-bit analog-to-digital converter is used to create a 14-bit digital scale for the AIN1 and AIN2 inputs.
2 The digital I/O signals are 5 V tolerant.
3 Endurance is qualified as per JEDEC Standard 22, Method A117, and measured at −40°C, +25°C, +85°C, and +125°C.
3 Retention lifetime equivalent at junction temperature (TJ) = 85°C as per JEDEC Standard 22, Method A117. Retention lifetime decreases with junction temperature.
5 The start-up times presented do not include the data capture time, which is dependent on the AVG_CNT register settings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com