Electronic Components Datasheet Search
  English  ▼

X  

SP6127 Datasheet(PDF) 2 Page - Exar Corporation

Part # SP6127
Description  High-Voltage, Step-Down Controller in TSOT6
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP6127 Datasheet(HTML) 2 Page - Exar Corporation

  SP6127 Datasheet HTML 1Page - Exar Corporation SP6127 Datasheet HTML 2Page - Exar Corporation SP6127 Datasheet HTML 3Page - Exar Corporation SP6127 Datasheet HTML 4Page - Exar Corporation SP6127 Datasheet HTML 5Page - Exar Corporation SP6127 Datasheet HTML 6Page - Exar Corporation SP6127 Datasheet HTML 7Page - Exar Corporation SP6127 Datasheet HTML 8Page - Exar Corporation SP6127 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Jan28-08 RevE
SP6127 TSOT-6 PFET Buck Controller
 2007 Exar Corporation
Page 2
These are stress ratings only, and functional operation of the
device at these ratings or any other above those indicated in
the operation sections of the specifications below is not
implied. Exposure to absolute maximum rating conditions for
extended periods of time may affect reliability.
Input Voltage….................................................-0.3V to 30V
Lx………………………………………………….…-2V to 30V
FB……………..................................................-0.3V to 5.5V
Storage Temperature..………………...……-65
°C to 150 °C
Junction Temperature...................................-40
°C to 125°C
Lead Temperature (Soldering, 10 sec)…..…………..300
°C
ESD Rating………..….…1kV LX, 2kV all other nodes, HBM
____________________________________________ ELECTRICAL SPECIFICATIONS
Specifications are for TAMB=TJ=25
°C, and those denoted by ♦ apply over the full operating range, -40°C< T
j <125
°C. Unless
otherwise specified: VIN =4.5V to 29V, CIN = 4.7
µF.
PARAMETER
MIN
TYP
MAX
UNITS
♦
CONDITIONS
UVLO Turn-On Threshold
4.2
4.35
4.5
V
0
°C< T
j <125
°C
UVLO Turn-Off Threshold
4.0
4.15
4.4
V
0
°C< T
j <125
°C
UVLO Hysteresis
0.2
V
Operating Input Voltage Range
4.5
29
V
0
°C< T
j <125
°C
Operating Input Voltage Range
7
29
V
♦
Operating VCC Current
0.3
3
mA
VFB=1.2V
Reference Voltage Accuracy
0.5
1
%
Reference Voltage Accuracy
0.5
2
%
♦
Reference Voltage
0.594
0.6
0.606
V
Reference Voltage
0.588
0.6
0.612
V
♦
Switching Frequency
750
900
1050
kHz
Peak-to-peak ramp Voltage
VIN/5
V
Minimum ON-Pulse Duration
40
100
ns
♦
Minimum Duty Cycle
0
%
Maximum Duty Cycle
100
%
Gate Driver Turn-Off Resistance
50
60
k
Internal resistor between GATE and
VIN
Gate Driver Pull-Down
Resistance
4
8
VIN=12V, VFB=0.5V, Measure
resistance between GATE and VDR
Gate Driver Pull-up Resistance
3
6
VIN=12V, VFB=0.7V, Measure
resistance between GATE and VIN
VIN - VDR voltage difference
4.5
5.5
V
♦
Measure VIN – VDR, VIN>7V
Overcurrent Threshold
270
300
330
mV
Measure VIN - LX
LX pin Input Current
25
30
35
uA
VLX = VIN
OFF interval during hiccup
70
ms
Soft start time
3
5
9
ms
VFB=0.58V, measure between
VIN=4.5V and first GATE pulse
SHDN Threshold
0.8
1.0
1.2
V
♦
Apply voltage to FB
SHDN Threshold Hysteresis
100
mV
ABSOLUTE MAXIMUM RATINGS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com