Electronic Components Datasheet Search
  English  ▼

X  

SP6127 Datasheet(PDF) 5 Page - Exar Corporation

Part # SP6127
Description  High-Voltage, Step-Down Controller in TSOT6
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP6127 Datasheet(HTML) 5 Page - Exar Corporation

  SP6127 Datasheet HTML 1Page - Exar Corporation SP6127 Datasheet HTML 2Page - Exar Corporation SP6127 Datasheet HTML 3Page - Exar Corporation SP6127 Datasheet HTML 4Page - Exar Corporation SP6127 Datasheet HTML 5Page - Exar Corporation SP6127 Datasheet HTML 6Page - Exar Corporation SP6127 Datasheet HTML 7Page - Exar Corporation SP6127 Datasheet HTML 8Page - Exar Corporation SP6127 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Jan28-08 RevE
SP6127 TSOT-6 PFET Buck Controller
 2007 Exar Corporation
Page 5
______________________________________________________ GENERAL OVERVIEW
R1
200k, 1%
R2
SP6127
VFB
RZ2
200k
CZ2
130pF
CP1
2pF
Error Amplif ier
Vref =0.6V
Vout
RZ
CZ
Loop Compensation Example 1- A converter
utilizing a SP6127 has a 3.3µH inductor and a
22µF/5m
ceramic
capacitor.
Determine
whether Type-III compensation is needed.
From equation (2)
f
ESRZERO = 1.45MHz. From
equation (3)
f
DBPOLE
= 18.4 kHz. Since the
condition specified in (1) is not met, Type-III
compensation
must
be
used
by
adding
external components RZ and CZ. Using
equation (4) CZ is calculated to be 34pF (use
33pF). Following the guideline given in table 1,
a 2k
RZ should be used.
The steps followed in example 1 were used to
compensate the typical application circuit
shown on page 1.
Satisfactory
frequency
response of the circuit, seen in figure 2,
validates the above procedure.
Loop Compensation Example 2- A converter
utilizing the SP6127 has a 3.3µH inductor and
a
220µF,
82m
Aluminum
Electrolytic
capacitor.
Determine
whether
Type-III
compensation is needed.
From equation (2)
f
ESRZERO = 8.8kHz. From
equation (3)
f
DBPOLE
= 5.9kHz. Since the
condition specified in (1) is not met, Type-III
compensation needs to be used by adding
external components RZ and CZ. Using
equation (4) CZ is calculated 108pF (use 100
pF). Since
f
ESRZERO /
f
DBPOLE is approximately 2,
RZ must be set at 40k .
Figure 1- RZ and CZ in conjunction with internal compensation components form a Type-
III compensation network
Figure 2- Satisfactory frequency response of typical application circuit shown on page 1.
Crossover frequency
fc is 100kHz with a corresponding phase margin of 60 degrees.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com