Electronic Components Datasheet Search
  English  ▼

X  

SP6127 Datasheet(PDF) 4 Page - Exar Corporation

Part # SP6127
Description  High-Voltage, Step-Down Controller in TSOT6
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP6127 Datasheet(HTML) 4 Page - Exar Corporation

  SP6127 Datasheet HTML 1Page - Exar Corporation SP6127 Datasheet HTML 2Page - Exar Corporation SP6127 Datasheet HTML 3Page - Exar Corporation SP6127 Datasheet HTML 4Page - Exar Corporation SP6127 Datasheet HTML 5Page - Exar Corporation SP6127 Datasheet HTML 6Page - Exar Corporation SP6127 Datasheet HTML 7Page - Exar Corporation SP6127 Datasheet HTML 8Page - Exar Corporation SP6127 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Jan28-08 RevE
SP6127 TSOT-6 PFET Buck Controller
 2007 Exar Corporation
Page 4
____________________________________________________ GENERAL OVERVIEW
The SP6127 is a fixed frequency, Voltage-mode,
non-synchronous PWM controller optimized for
minimum component, small form factor and cost
effectiveness. It has been designed for single-
supply operation ranging from 4.5V to 29V.
SP6127 has Type-II internal compensation for
use with Electrolytic/Tantalum output capacitors.
For ceramic capacitors Type-III compensation
can be implemented by simply adding an R and
C between output and Feedback. A precision
0.6V reference, present on the positive terminal
of the Error Amplifier, permits programming of the
output voltage down to 0.6V via the FB pin. The
output
of
the
Error
Amplifier
is
internally
compared to a feed-forward (VIN/5 peak-to-peak)
ramp and generates the PWM control. Timing is
governed by an internal oscillator that sets the
PWM frequency at 900kHz.
SP6127
contains
useful
protection
features.
Overcurrent protection is based on the high-side
MOSFET’s RDS(ON) and is programmable via a
resistor placed at LX node. Under-Voltage Lock-
Out (UVLO) ensures that the controller starts
functioning only when sufficient voltage exists for
powering IC’s internal circuitry.
SP6127 Loop Compensation
The SP6127 includes Type-II internal compensation
components for loop compensation.
External
compensation components are not required for
systems with tantalum or aluminum electrolytic
output capacitors with sufficiently high ESR. Use
the condition below as a guideline to determine
whether or not the internal compensation is
sufficient for your design.
Type-II internal compensation is sufficient if the
following condition is met:
DBPOLE
ESRZERO
f
f
<
………………. (1)
where:
OUT
ESR
ESRZERO
C
R
f
.
.
.
2
1
π
=
……….. (2)
OUT
DBPOLE
C
L
f
⋅
=
.
.
2
1
π
………… (3)
Creating a Type-III compensation Network
The above condition requires the ESR zero to be
at a lower frequency than the double-pole from
the LC filter. If this condition is not met, Type-III
compensation should be used and can be
accomplished
by
placing
a
series
RC
combination in parallel with R1 as shown below.
The value of CZ can be calculated as follows and
RZ selected from table 1.
1
25
.
1
R
C
L
CZ
×
⋅
=
………….. (4)
Table1- Selection of
RZ
fESRZERO/
fDBPOLE
RZ
1X
50K
2X
40K
3X
30K
5X
10K
>= 10X
2K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com