Electronic Components Datasheet Search
  English  ▼

X  

SP6127 Datasheet(PDF) 1 Page - Exar Corporation

Part # SP6127
Description  High-Voltage, Step-Down Controller in TSOT6
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP6127 Datasheet(HTML) 1 Page - Exar Corporation

  SP6127 Datasheet HTML 1Page - Exar Corporation SP6127 Datasheet HTML 2Page - Exar Corporation SP6127 Datasheet HTML 3Page - Exar Corporation SP6127 Datasheet HTML 4Page - Exar Corporation SP6127 Datasheet HTML 5Page - Exar Corporation SP6127 Datasheet HTML 6Page - Exar Corporation SP6127 Datasheet HTML 7Page - Exar Corporation SP6127 Datasheet HTML 8Page - Exar Corporation SP6127 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Jan28-08 RevE
SP6127 TSOT-6 PFET Buck Controller
 2007 Exar Corporation
Page 1
FEATURES
Wide 4.5V – 29V Input Voltage Range
Internal compensation
Built-in High-Current PMOS Driver
Adjustable Overcurrent Protection
Internal soft start
900kHz Constant Frequency Operation
0.6V Reference Voltage
1% output setpoint accuracy
Lead Free, RoHS Compliant Package:
Small 6-pin TSOT
__________________________________________________________ DESCRIPTION
The SP6127 is a PWM controlled step down (buck) voltage mode regulator with VIN feedforward and
internal Type-II compensation. It operates from 4.5V to 29V VIN, making it suitable for 5V, 12V and 24V
applications. By using a PMOS driver, this device is capable of operating at 100% duty cycle. The high-
side driver is designed to drive the gate 5V below VIN. The programmable overcurrent protection is
based on the high-side MOSFET’s ON resistance sensing and allows setting the overcurrent protection
value up to 300mV threshold (measured between VIN-LX). The SP6127 is available in a space-saving 6-
pin TSOT package making it the smallest controller available capable of operating from 24VDC supplies.
_______________________________________ TYPICAL APPLICATION CIRCUIT
High=Of f
L1, IHLP-2525CZ
3.3uH, 30mOhm, 6A
C4
22uF
Ds
MBRA340T3G
R1
200k, 1%
RZ
2K
R2
100k, 1%
Q1
Si2343DS
CZ
33pF
C7
0.1uF
C1
4.7uF
Rs=1k
D1 1N4148
SHDN
12V
VIN
VOUT
GND
GND
VFB
Vin
GND
VDR
1.8V
0-2.0A
Gate
LX
SP6127
1
5
3
2
6
4
High-Voltage, Step-Down Controller in TSOT6
SP6127
6
5
4
1
2
3
SP6127
6 PinTSOT
GND
LX
GATE
FB
VIN
VDR


Similar Part No. - SP6127

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6127 SIPEX-SP6127 Datasheet
565Kb / 12P
High-Voltage, Step-Down Controller in TSOT6
SP6127 SIPEX-SP6127 Datasheet
351Kb / 8P
Evaluation Board Manual
SP6127EB SIPEX-SP6127EB Datasheet
351Kb / 8P
Evaluation Board Manual
SP6127EK1 SIPEX-SP6127EK1 Datasheet
351Kb / 8P
Evaluation Board Manual
SP6127EK1L SIPEX-SP6127EK1L Datasheet
565Kb / 12P
High-Voltage, Step-Down Controller in TSOT6
More results

Similar Description - SP6127

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1744 MAXIM-MAX1744 Datasheet
256Kb / 14P
High-Voltage, Step-Down DC-DC Controller in uMAX
Rev 1; 10/01
logo
Sipex Corporation
SP6126 SIPEX-SP6126 Datasheet
464Kb / 14P
High-Voltage, Step Down Controller in TSOT6
SP6125 SIPEX-SP6125 Datasheet
524Kb / 12P
High-Voltage, Step Down Controller in TSOT6
SP6126 SIPEX-SP6126_07 Datasheet
464Kb / 14P
High-Voltage, Step Down Controller in TSOT6
SP6127 SIPEX-SP6127 Datasheet
565Kb / 12P
High-Voltage, Step-Down Controller in TSOT6
logo
Exar Corporation
SP6125 EXAR-SP6125 Datasheet
333Kb / 12P
High-Voltage, Step Down Controller in TSOT6
SP6126 EXAR-SP6126 Datasheet
1Mb / 14P
High-Voltage, Step Down Controller in TSOT6
logo
Linear Technology
RH3845MK LINER-RH3845MK_15 Datasheet
103Kb / 6P
High Voltage Synchronous Step-Down Controller
LT3800 LINER-LT3800_15 Datasheet
264Kb / 24P
High-Voltage Synchronous Current Mode Step-Down Controller
logo
Skyworks Solutions Inc.
AAT1185 SKYWORKS-AAT1185 Datasheet
3Mb / 16P
High Voltage Step-Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com