Electronic Components Datasheet Search
  English  ▼

X  

SP6127 Datasheet(PDF) 7 Page - Exar Corporation

Part # SP6127
Description  High-Voltage, Step-Down Controller in TSOT6
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP6127 Datasheet(HTML) 7 Page - Exar Corporation

Back Button SP6127 Datasheet HTML 3Page - Exar Corporation SP6127 Datasheet HTML 4Page - Exar Corporation SP6127 Datasheet HTML 5Page - Exar Corporation SP6127 Datasheet HTML 6Page - Exar Corporation SP6127 Datasheet HTML 7Page - Exar Corporation SP6127 Datasheet HTML 8Page - Exar Corporation SP6127 Datasheet HTML 9Page - Exar Corporation SP6127 Datasheet HTML 10Page - Exar Corporation SP6127 Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Jan28-08 RevE
SP6127 TSOT-6 PFET Buck Controller
 2007 Exar Corporation
Page 7
______________________________________________________ GENERAL OVERVIEW
MOSFET Gate Drive
The P-channel drive is derived through an
internal regulator that generates VIN-5V. This pin
(VDR) must be connected to VIN with a 0.1µF
decoupling capacitor. The gate drive circuit
swings between VIN and VIN-5 and employs
powerful drivers for efficient switching of the P-
channel MOSFET.
Power MOSFET Selection
Select the Power MOSFET for Voltage rating
BVDSS, On resistance RDS(ON), and thermal
resistance RTHJA. BVDSS should be about twice
as high as VIN in order to guard against switching
transients. The recommended MOSFET voltage
rating for VIN of 5V, 12V and 24V is 12V, 30V and
40V respectively. RDS(ON) must be selected such
that when operating at peak current and junction
temperature, the Overcurrent threshold of the
SP6127 is not exceeded. Allowing 50% for
temperature coefficient of RDS(ON) and 15% for
inductor current ripple, the following expression
can be used:
×
×
≤
Iout
V
ON
RDS
15
.
1
5
.
1
3
.
0
)
(
Within this constraint, selecting MOSFETs with
lower RDS(ON) will reduce conduction losses at
the expense of increased switching losses. As a
rule
of
thumb,
select
the
highest
RDS(ON)
MOSFET that meets the above criteria. Switching
losses can be assumed to roughly equal to the
conduction losses. A simplified expression for
conduction losses is given by:
×
×
=
Vin
Vout
ON
RDS
Iout
Pcond
)
(
2
The MOSFET’s junction temperature can be
estimated from:
(
) Tambient
Rthja
Pc
T
+
×
×
= 2
Schottky Rectifier selection
Select the Schottky Diode for Voltage rating VR,
Forward voltage Vf, and thermal resistance
RTHJA. The Voltage rating should be selected
using the same guidelines outlined for MOSFET
voltage selection. For a low duty cycle application
such as the circuit shown on first page, the
Schottky diode is conducting most of the time and
its conduction losses are the largest component
of losses in the converter. Conduction losses can
be estimated from:
 −
×
×
=
Vin
Vout
Iout
Vf
Pc
1
where:
VF is diode forward voltage at IOUT
The Schottky diode’s AC losses due to its
switching capacitance are negligible.
Inductor Selection
Select
the
Inductor
for
inductance
L
and
saturation current ISAT. Select an inductor with
ISAT higher than the programmed overcurrent.
Calculate inductance from:
(
)


×


×
×
−
=
Irip
f
Vin
Vout
Vout
Vin
L
1
1
where:
VIN is converter input voltage
VOUT is converter output voltage
f is switching frequency
IRIP
is
inductor
peak-to-peak
current
ripple
(nominally set to 30% of IOUT)
Keep in mind that a higher IRIP results in a
smaller inductor which has the advantages of
small size, low DC equivalent resistance DCR,
high saturation current ISAT and allows the use of
a lower output capacitance to meet a given step
load transient. A higher IRIP, however, increases
the output voltage ripple and increases the
current at which converter enters Discontinuous
Conduction Mode. The output current at which
converter enters DCM is ½ of IRIP. Note that a
negative
current
step
load
that
drives
the
converter into DCM will result in a large output
voltage transient. Therefore the lowest current for
a step load should be larger than ½ of IRIP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com