Electronic Components Datasheet Search
  English  ▼

X  

SP6127 Datasheet(PDF) 6 Page - Exar Corporation

Part # SP6127
Description  High-Voltage, Step-Down Controller in TSOT6
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP6127 Datasheet(HTML) 6 Page - Exar Corporation

Back Button SP6127 Datasheet HTML 2Page - Exar Corporation SP6127 Datasheet HTML 3Page - Exar Corporation SP6127 Datasheet HTML 4Page - Exar Corporation SP6127 Datasheet HTML 5Page - Exar Corporation SP6127 Datasheet HTML 6Page - Exar Corporation SP6127 Datasheet HTML 7Page - Exar Corporation SP6127 Datasheet HTML 8Page - Exar Corporation SP6127 Datasheet HTML 9Page - Exar Corporation SP6127 Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Jan28-08 RevE
SP6127 TSOT-6 PFET Buck Controller
 2007 Exar Corporation
Page 6
Overcurrent Protection (OCP)
Ds
Q1
Rs
SP6127
Gate
LX
30uA
Vin - 0.3V
Vin
Ov er-Current Comparator
Figure 3 Overcurrent protection circuit
The
overcurrent
protection
(OCP)
circuit
functions by monitoring the voltage across the
high-side FET Q1. When this voltage exceeds
0.3V, the overcurrent comparator triggers and
the controller enters hiccup mode. For example
if Q1 has RDS(ON)=0.1 , then the overcurrent
will trigger at I = 0.3V/0.1 =3A. To program a
lower overcurrent use a resistor Rs as shown in
figure 1. Calculate Rs from:
(
)
uA
Kt
on
Rds
Iout
Rs
30
)
(
15
.
1
3
.
0
×
×
×
−
=
...(5)
Where:
1.15 is used to calculate peak inductor current
which is nominally 15% higher than average
output current
RDS(ON) is MOSFET ON-resistance rating
Kt is a multiplier that accounts for increase in
RDS(ON) due to temperature
Example: A switching
MOSFET
used with
SP6127 has RDS(ON) of 0.08
and Kt is 1.5.
Program
the
over-current
circuit
so
that
maximum output is 2A.
(
)
uA
Ohm
A
Rs
30
5
.
1
08
.
0
2
15
.
1
3
.
0
×
×
×
−
=
Rs=800
Using
the
above
equation
there
is
good
agreement between calculated and test results
for Rs in the range of 0.5k
to 3k . For Rs larger
than 3k , test results are lower than those
predicted
by
(5),
due
to
circuit
parasitics.
Therefore the maximum value of Rs should be
limited to 3k .
Note that in order to safeguard against false
overcurrent trigger due to transients, there is a
150ns delay between the turn on of the MOSFET
and
when
OCP
circuit
is
activated.
As
a
consequence at very high Vo/VIN ratio, where
MOSFET on-time is less than 150ns, the OCP
circuit will not detect overcurrent.
Using the ON/OFF Function
The Feedback pin serves a dual role of ON/OFF
control. The MOSFET driver is disabled when a
voltage greater than 1V is applied at the FB pin.
Maximum voltage rating of this pin is 5.5V. The
controlling signal should be applied through a
small signal diode as shown on page 1.
Please note that an optional 10k
bleeding
resistor across the output helps keep the output
capacitor discharged under no load condition.
Programming the Output Voltage
To program the output voltage, calculate R2
using the following equation:


−
=
1
1
2
Vref
Vout
R
R
Where:
VREF=0.6 is the reference voltage of the SP6127
R1=200k
is a fixed-value resistor that, in
addition to being a voltage divider, it is part of the
compensation
network.
In
order
to
simplify
compensation calculations, R1 is fixed at 200k .
Soft Start
Soft Start is preset internally to 5ms (nominal).
Internal Soft Start eliminates the need for the
external capacitor CSS that is commonly used to
program this function.
______________________________________________________ GENERAL OVERVIEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com