Electronic Components Datasheet Search
  English  ▼

X  

SP6127 Datasheet(PDF) 8 Page - Exar Corporation

Part # SP6127
Description  High-Voltage, Step-Down Controller in TSOT6
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP6127 Datasheet(HTML) 8 Page - Exar Corporation

Back Button SP6127 Datasheet HTML 4Page - Exar Corporation SP6127 Datasheet HTML 5Page - Exar Corporation SP6127 Datasheet HTML 6Page - Exar Corporation SP6127 Datasheet HTML 7Page - Exar Corporation SP6127 Datasheet HTML 8Page - Exar Corporation SP6127 Datasheet HTML 9Page - Exar Corporation SP6127 Datasheet HTML 10Page - Exar Corporation SP6127 Datasheet HTML 11Page - Exar Corporation SP6127 Datasheet HTML 12Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Jan28-08 RevE
SP6127 TSOT-6 PFET Buck Controller
 2007 Exar Corporation
Page 8
______________________________________________________ GENERAL OVERVIEW
Output Capacitor Selection
Select the output capacitor for voltage rating,
capacitance and Equivalent Series Resistance
(ESR). Nominally the voltage rating is selected to
be twice as large as the output voltage. Select
the capacitance to satisfy the specification for
output voltage overshoot/undershoot caused by
current step load. A steady-state output current
IOUT corresponds to inductor stored energy of ½ L
IOUT
2. A sudden decrease in IOUT forces the
energy surplus in L to be absorbed by
COUT. This
causes an overshoot in output voltage that is
corrected by the reduced duty cycle of the power
switch. Use the following equation to calculate
COUT:
−
×
=
2
2
2
1
2
2
Vout
-
Vos
I
I
L
Cout
Where:
L is the output inductance
I
2
is the step load high current
I
1 is the step load low current
Vos is output voltage including overshoot
VOUT is steady state output voltage
Output voltage undershoot calculation is more
complicated.
Test
results
for
SP6127
buck
circuits show that undershoot is approximately
equal to overshoot. Therefore the above equation
provides a satisfactory method for calculating
COUT.
Select ESR such that output voltage ripple (VRIP)
specification is met. There are two components to
VRIP: The first component arises from charge
transferred to and from COUT during each cycle.
The second component of VRIP is due to inductor
ripple
current
flowing
through
the
output
capacitor’s ESR. It can be calculated from:
2
2
8
1


×
×
+
×
=
fs
Cout
ESR
Irip
Vrip
Where:
IRIP
is inductor ripple current
fs is switching frequency
COUT is output capacitor calculated above
Note that a smaller inductor results in a higher
IRIP, therefore requiring a larger COUT and/or
lower ESR in order to meet
VRIP.
Input Capacitor Selection
Select
the
input
capacitor
for
Voltage,
Capacitance, ripple current, ESR and ESL.
Voltage rating is nominally selected to be twice
the input voltage. The RMS value of the input
capacitor current, assuming a low inductor ripple
current (IRIP), can be calculated from:
(
)
D
D
Iout
Icin
−
×
=
1
In general, total input voltage ripple should be
kept below 1.5% of VIN (not to exceed 180mV).
Input voltage ripple has three components: ESR
and ESL cause a step voltage drop upon turn on
of the MOSFET. During on time, the capacitor
discharges linearly as it supplies IOUT-IIN. The
contribution to Input voltage ripple by each term
can be calculated from:
(
)
2
,
Vin
Cin
fs
Vout
Vin
Vout
Iout
Cin
V
×
×
−
×
×
=
∆
(
)
Irip
Iout
ESR
ESR
V
5
.
0
,
−
=
∆
(
)
Trise
Irip
Iout
ESL
ESL
V
5
.
0
,
−
=
∆
Where TRISE is the rise time of current through
capacitor
Total input voltage ripple is sum of the above:
ESL
V
ESR
V
Cin
V
Tot
V
,
,
,
,
∆
+
∆
+
∆
=
∆
In circuits where converter input voltage is
applied via a mechanical switch, excessive
ringing may be present at turn-on that may
interfere with smooth startup of the SP6127. The
addition of an inexpensive 100µF Aluminum
Electrolytic capacitor at the input will help reduce
ringing and restore a smooth startup.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com